Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82CNQ030SL Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 82CNQ030SL
Description  This is a Pb ??Free Device
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

82CNQ030SL Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  82CNQ030SL Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 82CNQ030SL Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 82CNQ030SL Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 82CNQ030SL Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd 82CNQ030SL Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1061, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
82CNQ030
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
30
V
Max. Average Forward
IF(AV)
50% duty cycle @TC =119°C,
rectangular wave form
80
A
Max. Peak One Cycle Non-
Repetitive Surge Current
(per leg)
IFSM
8.3 ms, half Sine pulse
1060
A
Non-Repetitive
Avalanche
Energy(peg leg)
EAS
TJ=25℃,IAS=8A,L=1.12mH
36
mJ
Repetitive
Avalanche
Current(peg leg)
IAR
Current decaying linearly to zero
in 1 μsec Frequency limited by
TJ max. VA=1.5×VR typical
8
A
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
VF1
@ 40A, Pulse, TJ = 25 °C
@ 80A, Pulse, TJ = 25 °C
0.47
0.55
V
Max. Forward Voltage Drop
(per leg) *
VF2
@ 40A, Pulse, TJ = 125 °C
@ 80A, Pulse, TJ = 125 °C
0.37
0.47
V
IR1
@VR = rated VR TJ = 25 °C
5
mA
Max. Reverse Current (per
leg) *
IR2
@VR = rated VR TJ = 125 °C
280
mA
Max. Junction Capacitance
(per leg)
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz
3700
pF
Typical Series Inductance
(per leg)
LS
Measured lead to lead 5 mm
from package body
5.5
nH
Max. Voltage Rate of Change
dv/dt
-
10,000
V/
μs
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Max. Junction Temperature
TJ
-
-55 to +150
°C
Max. Storage Temperature
Tstg
-
-55 to +150
°C
Maximum Thermal
Resistance Junction to Case
(per leg)
RθJC
DC operation
0.85
°C/W
Maximum Thermal
Resistance Junction to Case
(per package)
RθJC
DC operation
0.42
°C/W
Typical Thermal Resistance,
case to Heat Sink
Rθcs
Mounting surface, smooth and
greased
0.30
°C/W
40(min)
Mounting Torque
TM
-
58(max)
Kg-cm
Approximate Weight
wt
-
7.8
g
Case Style
PRM2 PRM2-SL PRM2-SM


Similar Part No. - 82CNQ030SL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
82CNQ030SL IRF-82CNQ030SL Datasheet
127Kb / 6P
   SCHOTTKY RECTIFIER 80 Amp
More results

Similar Description - 82CNQ030SL

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
401CNQ SMC-401CNQ Datasheet
201Kb / 4P
   This is a Pb ??Free Device
logo
Shanghai Leiditech Elec...
LTL431ATLT1G LEIDITECH-LTL431ATLT1G Datasheet
811Kb / 5P
   Pb-Free package is available
logo
ON Semiconductor
NBXSGA008 ONSEMI-NBXSGA008 Datasheet
117Kb / 6P
   2.5/3.3 V, 161.1328 MHz LVPECL Clock Oscillator This is a Pb?묯ree Device
April, 2011 ??Rev. 0
NBXHGA017 ONSEMI-NBXHGA017 Datasheet
116Kb / 6P
   2.5/3.3 V, 156.25 MHz LVPECL Clock Oscillator This is a Pb?묯ree Device
April, 2010 ??Rev. 0
logo
TT Electronics.
NAS TTELEC-NAS Datasheet
631Kb / 3P
   Pb-free option is RoHS compliant
logo
Leshan Radio Company
L2SC1623QLT1G LRC-L2SC1623QLT1G Datasheet
300Kb / 5P
   General Purpose Transistors Pb-Free packkage is available
LSSBTH10T1G LRC-LSSBTH10T1G Datasheet
550Kb / 7P
   VHF/UHF Transistors Pb-Free Package is Available.
LSBTH10T1G LRC-LSBTH10T1G Datasheet
552Kb / 7P
   VHF/UHF Transistors Pb-Free Package is Available.
logo
LUXPIA
LIB1000 LUXPIA-LIB1000 Datasheet
616Kb / 15P
   Pb-Free Reflow
logo
Taiwan Semiconductor Co...
TSM2NB60CP TSC-TSM2NB60CP Datasheet
840Kb / 9P
   Pb-free plating
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com