Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLR1085 Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SLR1085
Description  Current Limiting and Thermal Protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SLR1085 Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SLR1085 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1085 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1085 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1085 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1085 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1085 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1085 Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1085 Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1085 Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Technical Data
3A Low Dropout Positive Regulator
Data Sheet N1585, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SLR1085
Ordering Information:
SLR1085-XXXXX
Example: SLR1085-18TTR
1.8V version in TO-252
Package &Taping & Reel Packing Type
Example: SLR1085-18RTR
1.8V version in TO-263 Lead Free
Package & Taping & Reel Packing Type
Absolute Maximum Ratings:
VIN pin to ADJ/GND pin ………………………………………………………………………………….7V
Operating Temperature Range ...………………………………………………………….. –40°C to 85°C
Maximum Junction Temperature …………………………………………………………………..125°C
Storage Temperature Range ……………………………………………………………..–65°C ~ 150°C
Lead Temperature (Soldering) 10 sec. ……………………………………………………………260°C
Thermal Resistance Junction to Case TO-252 ………………………………………………12.5°C/W
TO-263, TO-220…………………….…………………..3°C/W
Thermal Resistance Junction to Ambient TO-252 …………………………………………..100°C/W
(Assume no ambient airflow, no heatsink) TO-263 …………………………………………..60°C/W
TO-220…………………………………………..50°C/W
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
Test Circuit
Refer to TYPICAL APPLICATION CIRCUIT.
PIN CONFIGURATION
TO-252
TOP VIEW
1: ADJ (GND)
2: VOUT (TAB)
3: VIN
TO-263
TOP VIEW
1: ADJ (GND)
2: VOUT (TAB)
3: VIN
TO-220
FRONT VIEW
1: ADJ (GND)
2: VOUT (TAB)
3: VIN
PACKING TYPE
TB: TUBE
TR: TAPING & REEL
PACKAGING TYPE
T: TO-252
R: TO-263
V: TO-220
OUTPUT VOLTAGE
DEFAULT: ADJUSTABLE
18: 1.8V
25: 2.5V
33: 3.3V


Similar Part No. - SLR1085

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SLR1084 SMC-SLR1084 Datasheet
390Kb / 10P
   Extremely Tight Line and Load Regulation
More results

Similar Description - SLR1085

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SLR1117 SMC-SLR1117 Datasheet
375Kb / 13P
   Current Limiting and Thermal Protection
SLR1117A SMC-SLR1117A Datasheet
350Kb / 12P
   Current Limiting and Thermal Protection
logo
IK Semicon Co., Ltd
IL1117C-XX IKSEMICON-IL1117C-XX Datasheet
535Kb / 10P
   Current Limiting and Thermal Protection
logo
Leshan Radio Company
LR1084 LRC-LR1084_12 Datasheet
282Kb / 11P
   Current Limiting and Thermal Protection Battery Chargers
logo
Texas Instruments
LM1117IMP-ADJ TI-LM1117IMP-ADJ Datasheet
2Mb / 32P
[Old version datasheet]   Space Saving SOT-223 and WSON Packages, Current Limiting and Thermal Protection
logo
Leshan Radio Company
LR1084 LRC-LR1084 Datasheet
174Kb / 12P
   Low Dropout Voltage: 1.3V Typically at 5A, Current Limiting and Thermal Protection
logo
Texas Instruments
TLV710 TI1-TLV710_16 Datasheet
1Mb / 32P
[Old version datasheet]   Over-Current and Thermal Protection
logo
Solid State Optronic
AD4C211-L SSOUSA-AD4C211-L_15 Datasheet
218Kb / 5P
   Current limiting (over-current protection)
M211-L SSOUSA-M211-L_15 Datasheet
191Kb / 5P
   Current limiting ??(over-current protection)
logo
Skyworks Solutions Inc.
SKY77551 SKYWORKS-SKY77551 Datasheet
105Kb / 2P
   Current limiting for over-voltage protection and extended battery life
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com