Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24A12H400B Datasheet(PDF) 3 Page - Vicor Corporation

Part # S24A12H400B
Description  DC-DC Converter Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

S24A12H400B Datasheet(HTML) 3 Page - Vicor Corporation

  S24A12H400B Datasheet HTML 1Page - Vicor Corporation S24A12H400B Datasheet HTML 2Page - Vicor Corporation S24A12H400B Datasheet HTML 3Page - Vicor Corporation S24A12H400B Datasheet HTML 4Page - Vicor Corporation S24A12H400B Datasheet HTML 5Page - Vicor Corporation S24A12H400B Datasheet HTML 6Page - Vicor Corporation S24A12H400B Datasheet HTML 7Page - Vicor Corporation S24A12H400B Datasheet HTML 8Page - Vicor Corporation S24A12H400B Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
24V Maxi Family
Rev 6.6
vicorpower.com
Page 3 of 15
01/2016
800 927.9474
24V Input
Parameter
Min
Typ
Max
Unit
Notes
Primary Side (PC = Primary Control; PR = Parallel)
PC bias voltage
5.50
5.75
6.00
VDC
PC current = 1.0mA
current limit
1.5
2.1
3.0
mA
PC voltage = 5.5V
During normal operation
PC module disable
2.3
2.6
2.9
VDC
Switch must be able to sink ≥4mA. See Fig. 2
PC module enable delay
4
7
ms
PC module alarm
0.5
Vavg
UV, OV, OT, module fault. See Figs. 3 and 5
PC resistance
0.9
1.0
1.1
See Fig. 3, converter off or fault mode
PR emitter amplitude
5.7
5.9
6.1
Volts
PR load >30Ω, <30pF
PR emitter current
150
mA
PR receiver impedance
375
500
625
Ω
25°C
PR receiver threshold
2.4
2.5
2.6
Volts
Minimum pulse width: 20ns
PR drive capability
12
modules
Without PR buffer amplifier
Secondary Side (SC = Secondary Control)
SC bandgap voltage
1.21
1.23
1.25
VDC
Referenced to –Sense
SC resistance
990
1000
1010
Ω
SC capacitance
0.033
µF
SC module alarm
0
VDC
With open trim; referenced to –Sense. See Fig. 7
MODULE CONTROL SPECIFICATIONS
MODULE GENERAL SPECIFICATIONS
Module Family Electrical Characteristics (Cont.)
* Isolation test voltage, 1 minute or less.
Note: Specifications are subject to change without notice.
Parameter
Min
Typ
Max
Unit
Notes
Remote sense (total drop)
0.5
VDC
0.25V per leg (sense leads must be connected to
respective, output terminals)
Isolation test voltage (in to out)*
3000
VRMS
Complies with reinforced insulation requirements
Isolation test voltage (in to base)*
1500
VRMS
Complies with basic insulation requirements
Isolation test voltage (out to base)*
500
VRMS
Complies with operational insulation requirements
Isolation resistance
10
in to out, in to baseplate, out to baseplate
Weight (E, C, T grade)
6.5
7.3
8.1
ounces
(184.3)
(207.5)
(230.7)
(grams)
Weight (H, M grade)
7.4
8.2
9.0
ounces
(209.3)
(232.5)
(255.7)
(grams)
Temperature limiting
100
115
°C
See Figs. 3 and 5. Do not operate coverter >100C.
Agency approvals
cURus, cTÜVus, CE
UL60950-1, EN60950-1, CSA60950-1, IEC60950-1.
With appropriate fuse in series with the +Input


Similar Part No. - S24A12H400B

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
S24A12-22 TELEDYNE-S24A12-22 Datasheet
132Kb / 5P
   Single Output to 125A 660 Vac AC/DC Control
More results

Similar Description - S24A12H400B

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com