Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSC077N12NS3G Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BSC077N12NS3G
Description  OptiMOSTM3 Power-Transistor, 120 V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC077N12NS3G Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BSC077N12NS3G_15 Datasheet HTML 5Page - Infineon Technologies AG BSC077N12NS3G_15 Datasheet HTML 6Page - Infineon Technologies AG BSC077N12NS3G_15 Datasheet HTML 7Page - Infineon Technologies AG BSC077N12NS3G_15 Datasheet HTML 8Page - Infineon Technologies AG BSC077N12NS3G_15 Datasheet HTML 9Page - Infineon Technologies AG BSC077N12NS3G_15 Datasheet HTML 10Page - Infineon Technologies AG BSC077N12NS3G_15 Datasheet HTML 11Page - Infineon Technologies AG BSC077N12NS3G_15 Datasheet HTML 12Page - Infineon Technologies AG BSC077N12NS3G_15 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
OptiMOSTM3Power-Transistor,120V
BSC077N12NS3G
Rev.2.8,2015-12-15
Final Data Sheet
5PackageOutlines
 
Figure1OutlinePG-TDSON-8,dimensionsinmm


Similar Part No. - BSC077N12NS3G_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC077N12NS3G INFINEON-BSC077N12NS3G Datasheet
442Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-21
More results

Similar Description - BSC077N12NS3G_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPTC030N12NM3 INFINEON-IPTC030N12NM3 Datasheet
1Mb / 13P
   MOSFET OptiMOSTM3 Power-Transistor, 120 V
Rev. 2.0, 2022-08-25
IPA045N10N3G INFINEON-IPA045N10N3G_16 Datasheet
1Mb / 10P
   OptiMOSTM3 Power-Transistor, 100 V
Rev.2.4,2016-01-22
BSC350N20NSFD INFINEON-BSC350N20NSFD Datasheet
937Kb / 11P
   OptiMOSTM3 Power-Transistor, 200 V
Rev.2.1,2016-12-05
BSC13DN30NSFD INFINEON-BSC13DN30NSFD Datasheet
928Kb / 11P
   OptiMOSTM3 Power-Transistor, 300 V
Rev.2.1,2016-12-05
BSC220N20NSFD INFINEON-BSC220N20NSFD Datasheet
949Kb / 11P
   OptiMOSTM3 Power-Transistor, 200 V
Rev.2.0,2018-03-14
BSC670N25NSFD INFINEON-BSC670N25NSFD Datasheet
932Kb / 11P
   OptiMOSTM3 Power-Transistor, 250 V
Rev.2.1,2016-12-05
IPP110N20NA INFINEON-IPP110N20NA Datasheet
694Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2011-05-11
IPP200N25N3G INFINEON-IPP200N25N3G_11 Datasheet
764Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-07-14
IPP114N12N3G INFINEON-IPP114N12N3G_11 Datasheet
309Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-11-25
IPA126N10N3G INFINEON-IPA126N10N3G Datasheet
283Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-07-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com