Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LM2576T-5.0 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM2576T-5.0
Description  SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 15 page
background image
Application Hints
INPUT CAPACITOR (C
IN)
To maintain stability, the regulator input pin must be by-
passed with at least a 100 µF electrolytic capacitor. The
capacitor’s leads must be kept short, and located near the
regulator.
If the operating temperature range includes temperatures
below −25˚C, the input capacitor value may need to be
larger. With most electrolytic capacitors, the capacitance
value decreases and the ESR increases with lower tempera-
tures and age. Paralleling a ceramic or solid tantalum ca-
pacitor will increase the regulator stability at cold tempera-
tures. For maximum capacitor operating lifetime, the
capacitor’s RMS ripple current rating should be greater than
V
R
Schottky
Fast Recovery
3A
4A–6A
3A
4A–6A
20V
1N5820
1N5823
The following
diodes are all
rated to 100V
31DF1
HER302
The following
diodes are all
rated to 100V
50WF10
MUR410
HER602
MBR320P
SR302
30V
1N5821
50WQ03
MBR330
1N5824
31DQ03
SR303
40V
1N5822
MBR340
MBR340
50WQ04
31DQ04
1N5825
SR304
50V
MBR350
50WQ05
31DQ05
SR305
60V
MBR360
50WR06
DQ06
50SQ060
SR306
FIGURE 8. Diode Selection Guide
Inductor
Inductor
Schott
Pulse Eng.
Renco
Code
Value
(Note 12)
(Note 13)
(Note 14)
L47
47 µH
671 26980
PE-53112
RL2442
L68
68 µH
671 26990
PE-92114
RL2443
L100
100 µH
671 27000
PE-92108
RL2444
L150
150 µH
671 27010
PE-53113
RL1954
L220
220 µH
671 27020
PE-52626
RL1953
L330
330 µH
671 27030
PE-52627
RL1952
L470
470 µH
671 27040
PE-53114
RL1951
L680
680 µH
671 27050
PE-52629
RL1950
H150
150 µH
671 27060
PE-53115
RL2445
H220
220 µH
671 27070
PE-53116
RL2446
H330
330 µH
671 27080
PE-53117
RL2447
H470
470 µH
671 27090
PE-53118
RL1961
H680
680 µH
671 27100
PE-53119
RL1960
H1000
1000 µH
671 27110
PE-53120
RL1959
H1500
1500 µH
671 27120
PE-53121
RL1958
H2200
2200 µH
671 27130
PE-53122
RL2448
Note 12: Schott Corporation, (612) 475-1173, 1000 Parkers Lake Road, Wayzata, MN 55391.
Note 13: Pulse Engineering, (619) 674-8100, P.O. Box 12235, San Diego, CA 92112.
Note 14: Renco Electronics Incorporated, (516) 586-5566, 60 Jeffryn Blvd. East, Deer Park, NY 11729.
FIGURE 9. Inductor Selection by Manufacturer’s Part Number
www.national.com
15




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM2599SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator with Features 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2677SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2678SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2678S-12SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2679SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2590HVSIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2591HVSIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2592HVSIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2670SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync 1 2 3 4 5 MoreNational Semiconductor (TI)
LM1575SIMPLE SWITCHER 1A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl