Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N9912A-312 Datasheet(PDF) 6 Page - Keysight Technologies

Part # N9912A-312
Description  Handheld Analyzer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N9912A-312 Datasheet(HTML) 6 Page - Keysight Technologies

Back Button N9912A-312 Datasheet HTML 2Page - Keysight Technologies N9912A-312 Datasheet HTML 3Page - Keysight Technologies N9912A-312 Datasheet HTML 4Page - Keysight Technologies N9912A-312 Datasheet HTML 5Page - Keysight Technologies N9912A-312 Datasheet HTML 6Page - Keysight Technologies N9912A-312 Datasheet HTML 7Page - Keysight Technologies N9912A-312 Datasheet HTML 8Page - Keysight Technologies N9912A-312 Datasheet HTML 9Page - Keysight Technologies N9912A-312 Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
Cable and Antenna Analyzer (continued)
Specification
Typical
10 minute warm up
90 minute warm up
Directivity
Corrected with OSL calibration 1
> 42 dB
> 42 dB
Corrected with QuickCal (Option 111) 2
≥ 42 dB
Raw
2 MHz to 3.5 GHz
> 20 dB
> 3.5 to 6 GHz
> 14 dB
Source Match
Corrected with OSL calibration 1
> 36 dB
> 36 dB
Corrected with QuickCal (Option 111) 2
≥ 35 dB
Raw
2 MHz to 3 GHz
> 25 dB
> 3 to 6 GHz
> 16 dB
Reflection Tracking
Corrected with OSL calibration 1
± 0.06 dB
± 0.06 dB
Corrected with QuickCal (Option 111) 2
± 0.15 dB
Reflection Dynamic Range
Reflection (RF Out port) (High power out)
2 MHz to 4 GHz
60 dB
> 4 to 6 GHz
55 dB
Maximum Measurable Cable Loss Using 1–Port CAT Measurement Model 3
Refl Dyn Range /2
1.
Using recommended calibration kits
2.
QuickCal is performed with the connect LOAD step
3.
Higher cable losses can be measured using transmission or S21 measurements. Cable losses measured in transmission mode limited
by transmission dynamic range


Similar Part No. - N9912A-312

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9912A-302 KEYSIGHT-N9912A-302 Datasheet
2Mb / 34P
   N9912A FieldFox RF
N9912A-308 KEYSIGHT-N9912A-308 Datasheet
2Mb / 34P
   Handheld Analyzer
N9912A-330 KEYSIGHT-N9912A-330 Datasheet
2Mb / 34P
   N9912A FieldFox RF
More results

Similar Description - N9912A-312

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9912A-308 KEYSIGHT-N9912A-308 Datasheet
2Mb / 34P
   Handheld Analyzer
N9912A-111 KEYSIGHT-N9912A-111 Datasheet
2Mb / 34P
   Handheld Analyzer
N9344C KEYSIGHT-N9344C Datasheet
1Mb / 10P
   Handheld Spectrum Analyzer
N9340B KEYSIGHT-N9340B Datasheet
6Mb / 24P
   Handheld Spectrum Analyzer (HSA)
N9343C KEYSIGHT-N9343C Datasheet
1Mb / 10P
   Handheld Spectrum Analyzer (HSA)
N9912A KEYSIGHT-N9912A Datasheet
2Mb / 34P
   N9912A FieldFox RF Handheld Analyzer
N9342C KEYSIGHT-N9342C Datasheet
1Mb / 12P
   N9342C Handheld Spectrum Analyzer (HSA)
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
   Handheld
2022-05-06
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com