Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGHV14800-TB Datasheet(PDF) 4 Page - Cree, Inc

Part # CGHV14800-TB
Description  800 W, 1200 - 1400 MHz, 50 V, GaN HEMT for L-Band Radar Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV14800-TB Datasheet(HTML) 4 Page - Cree, Inc

  CGHV14800-TB Datasheet HTML 1Page - Cree, Inc CGHV14800-TB Datasheet HTML 2Page - Cree, Inc CGHV14800-TB Datasheet HTML 3Page - Cree, Inc CGHV14800-TB Datasheet HTML 4Page - Cree, Inc CGHV14800-TB Datasheet HTML 5Page - Cree, Inc CGHV14800-TB Datasheet HTML 6Page - Cree, Inc CGHV14800-TB Datasheet HTML 7Page - Cree, Inc CGHV14800-TB Datasheet HTML 8Page - Cree, Inc CGHV14800-TB Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
CGHV14800 Rev 0.2
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
CGHV14800F-AMP Demonstration Amplifier Circuit Bill of Materials
Designator
Description
Qty
R1
RES, 5.1,OHM, +/- 1%, 0.25W, 1206
1
R2
RES,1/16W,0603,1%,4.99K OHMS
1
R3
RES 536OHM +/- 1%, 0.25W,1206
1
L1
INDUCTOR,CHIP,6.8nH,0603 SMT
1
C1, C14, C15
CAP, 100 PF +/- 5%,, 250V, 0805, ATC 600F
3
C16
CAP, 2.0pF, +/-0.1pF, 0603, ATC
1
C2
CAP, 33pF, +/-5%, 0603, ATC
1
C3, C8
CAP, 470PF, 5%, 100V, 0603, X7R
2
C4, C9
CAP,33000PF, 0805,100V, X7R
2
C5, C10
CAP, 1.0UF, 100V, 10%, X7R, 1210
2
C6
CAP 10UF 16V TANTALUM
1
C7
CAP, 33 PF +/- 5%,, 250V, 0805, ATC 600F
1
C11
CAP, 3300 UF, +/-20%, 100V, ELECTROLYTIC
1
C14
CAP 10uF 16V TANTALUM
1
J1,J2
CONN, SMA, PANEL MOUNT JACK, FLANGE, 4-HOLE, BLUNT POST
2
J3
HEADER RT>PLZ .1CEN LK 9POS
1
J4
CONNECTOR ; SMB, Straight, JACK,SMD
1
W1
CABLE ,18 AWG, 4.2
1
PCB, TMM10i, 0.025” THK, CGHV14800 1.2-1.4GHZ
1
2-56 SOC HD SCREW 1/4 SS
4
#2 SPLIT LOCKWASHER SS
4
Q1
CGHV14800F
1
CGHV14800F-AMP Demonstration Amplifier Circuit


Similar Part No. - CGHV14800-TB

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV14800F1 WOLFSPEED-CGHV14800F1 Datasheet
1Mb / 18P
   DC-1.4 GHz, 800 W GaN Transistor
Rev. 0.0 July 2022
More results

Similar Description - CGHV14800-TB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV14500 CREE-CGHV14500 Datasheet
1Mb / 11P
   500 W, 1200 - 1400 MHz, GaN HEMT for L-Band Radar Systems
CGHV14250 CREE-CGHV14250 Datasheet
1Mb / 11P
   250 W, 1200 - 1400 MHz, GaN HEMT for L-Band Radar Systems
logo
WOLFSPEED, INC.
CGHV14500 WOLFSPEED-CGHV14500 Datasheet
3Mb / 20P
   500 W, DC - 1800 MHz, GaN HEMT for L-Band Radar Systems
Rev. 5.0, 2022-7-27
CGHV14250 WOLFSPEED-CGHV14250 Datasheet
1Mb / 12P
   250 W, DC - 1.6 GHz, GaN HEMT for L-Band Radar Systems
Rev. 3.0, 2022-9-30
CGHV35120F WOLFSPEED-CGHV35120F Datasheet
837Kb / 12P
   120 W, 2.9 - 3.8 GHz, 50 V, GaN HEMT for S-Band Radar Systems
Rev. 1.0, 2022-8-3
CGHV35150 WOLFSPEED-CGHV35150 Datasheet
1Mb / 10P
   150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Rev.1.4, 2022-12-2
logo
Cree, Inc
CGHV35150 CREE-CGHV35150 Datasheet
853Kb / 10P
   150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
logo
Microsemi Corporation
1214-800P MICROSEMI-1214-800P Datasheet
83Kb / 2P
   800 Watts - 300關s, 10%, 50V L-Band Pulsed Radar 1200 - 1400 MHz
logo
Cree, Inc
CGHV37400F CREE-CGHV37400F Datasheet
815Kb / 11P
   400 W, 3500 - 3700 MHz, 50-Ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
GTVA126001EC CREE-GTVA126001EC Datasheet
615Kb / 9P
   Thermally-Enhanced High Power RF GaN on SiC HEMT 600 W, 50 V, 1200 ??1400 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com