Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM416S4030CT-F10 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KM416S4030CT-F10
Description  1M x 16Bit x 4 Banks Synchronous DRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416S4030CT-F10 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KM416S4030CT-F10 Datasheet HTML 2Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 3Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 4Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 5Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 6Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 7Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 8Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 9Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
KM416S4030C
REV. 2 June '98
CMOS SDRAM
Preliminary
AC OPERATING TEST CONDITIONS (VDD = 3.3V
± 0.3V, TA = 0 to 70 °C)
Parameter
Value
Unit
AC input levels (Vih/Vil)
2.4/0.4
V
Input timing measurement reference level
1.4
V
Input rise and fall time
tr/tf = 1/1
ns
Output timing measurement reference level
1.4
V
Output load condition
See Fig. 2
3.3V
1200
870
Output
50pF
VOH (DC) = 2.4V, I OH = -2mA
VOL (DC) = 0.4V, I OL = 2mA
Vtt = 1.4V
50
Output
50pF
Z0 = 50
(Fig. 2) AC output load circuit
(Fig. 1) DC output load circuit
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
Parameter
Symbol
Version
Unit
Note
-7
-8
-H
-L
-10
Row active to row active delay
tRRD (min)
14
16
20
20
20
ns
1
RAS to CAS delay
tRCD (min)
20
20
20
20
24
ns
1
Row precharge time
tRP(min)
20
20
20
20
24
ns
1
Row active time
tRAS(min)
48
48
50
50
50
ns
1
tRAS(max)
100
us
Row cycle time
tRC(min)
68
68
70
70
80
ns
1
Last data in to row precharge
tRDL(min)
7
8
10
10
12
ns
2
Last data in to new col. address Delay
tCDL(min)
1
CLK
2
Last data in to burst stop
tBDL(min)
1
CLK
2
Col. address to col. address delay
tCCD (min)
1
CLK
3
Number of valid output data
CAS latency=3
2
ea
4
CAS latency=2
1
1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time
and then rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.
Notes :


Similar Part No. - KM416S4030CT-F10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416S1021C SAMSUNG-KM416S1021C Datasheet
78Kb / 8P
   512K x 16Bit x 2 Banks Synchronous DRAM with SSTL interface
KM416S1021CT-G7 SAMSUNG-KM416S1021CT-G7 Datasheet
78Kb / 8P
   512K x 16Bit x 2 Banks Synchronous DRAM with SSTL interface
KM416S1021CT-G8 SAMSUNG-KM416S1021CT-G8 Datasheet
78Kb / 8P
   512K x 16Bit x 2 Banks Synchronous DRAM with SSTL interface
KM416S1021CT-GS SAMSUNG-KM416S1021CT-GS Datasheet
78Kb / 8P
   512K x 16Bit x 2 Banks Synchronous DRAM with SSTL interface
logo
List of Unclassifed Man...
KM416S1120D ETC-KM416S1120D Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
More results

Similar Description - KM416S4030CT-F10

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V651620B HYNIX-HY57V651620B Datasheet
81Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
HY57V641620HG-I HYNIX-HY57V641620HG-I Datasheet
145Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
K4S641632C SAMSUNG-K4S641632C Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5V66GF HYNIX-HY5V66GF Datasheet
208Kb / 11P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
List of Unclassifed Man...
TBS6416B4E ETC2-TBS6416B4E Datasheet
225Kb / 8P
   1M x 16Bit x 4 Banks synchronous DRAM
logo
Hynix Semiconductor
HY57V641620HG HYNIX-HY57V641620HG Datasheet
86Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
K4S641632F SAMSUNG-K4S641632F Datasheet
133Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S641632D SAMSUNG-K4S641632D Datasheet
115Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4D64163HF SAMSUNG-K4D64163HF Datasheet
162Kb / 16P
   1M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com