Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-1010TB Datasheet(PDF) 6 Page - Copal Electronics

Part # SD-1010TB
Description  ROTARY CODED SWITCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SD-1010TB Datasheet(HTML) 6 Page - Copal Electronics

  SD-1010TB Datasheet HTML 1Page - Copal Electronics SD-1010TB Datasheet HTML 2Page - Copal Electronics SD-1010TB Datasheet HTML 3Page - Copal Electronics SD-1010TB Datasheet HTML 4Page - Copal Electronics SD-1010TB Datasheet HTML 5Page - Copal Electronics SD-1010TB Datasheet HTML 6Page - Copal Electronics SD-1010TB Datasheet HTML 7Page - Copal Electronics SD-1010TB Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
10
0.6 W
× 3.2 L × 1.2 D
5
4
3
①Ⓒ④
⑧Ⓒ②
2.54
2.54
4
6 – 0.6
± 0.1
t = 0.15
Production date code
10
0.6 W
× 3.2 L × 1.2 D
①Ⓒ④
⑧Ⓒ②
2.54
2.54
4
6 – 0.6
± 0.1
t = 0.15
Production date code
10
0.6 W
× 3.2 L × 1.5 D
5
4
3
①Ⓒ④
⑧Ⓒ②
2.54
2.54
4
6 – 0.6
± 0.1
t = 0.15
Production date code
10
0.6 W
× 3.2 L × 1.5 D
①Ⓒ④
⑧Ⓒ②
2.54
2.54
4
6 – 0.6
± 0.1
t = 0.15
Production date code
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
<Gull wing, Top setting>
O SD-1010B (Real code)
O SD-1030B (Complementary code)
O SD-2010B (Real code)
O SD-2030B (Complementary code)
O SD-1210B (Real code)
O SD-1230B (Complementary code)
O SD-2210B (Real code)
O SD-2230B (Complementary code)
SD-1000 / 2000
ROTARY CODED SWITCHES


Similar Part No. - SD-1010TB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD-1010TB ETC2-SD-1010TB Datasheet
244Kb / 8P
   ROTARY CODED SWITCHES
More results

Similar Description - SD-1010TB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com