Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD127 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MJD127
Description  TRANSISTOR (PNP)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MJD127 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MJD127 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MJD127 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MJD127 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-251-3L Plastic-Encapsulate Transistors
MJD127 TRANSISTOR (PNP)
FEATURES
High DC Current Gain
Electrically Similar to Popular TIP127
Built-in a Damper Diode at E-C
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-100
V
VCEO
Collector-Emitter Voltage
-100
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-8
A
PC
Collector Power Dissipation
1.5
W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-1mA,IE=0
-100
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-30mA,IB=0
-100
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-1
0mA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-100V,IE=0
-10
µA
Collector-emitter cut-off current
ICEO
VCE=-50V,IB=0
-10
µA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-2
mA
hFE(1)
VCE=-4V,IC=-4A
1000
12000
DC current gain
hFE(2)
VCE=-4V,IC=-8A
100
VCE(sat) 1
*
IC=-4A,IB=-16mA
-2
V
Collector-emitter saturation voltage
VCE(sat) 2
*
IC=-8A,IB=-80mA
-4
V
Base-emitter saturation voltage
VBE(sat)
*
IC=-8A,IB=-80mA
-4.5
V
Base-emitter voltage
VBE
*
VCE=-4V,IC=-4A
-2.8
V
Collector output capacitance
Cob
VCB=-10V,IE=0,f=0.1MHz
300
pF
*Pulse Test: Pulse Width≤380µs, Duty Cycle≤2%
TO-251-3L
1. BASE
2. COLLECTOR
3. EMITTER
www.cj-elec.com
1
D,Oct,2014


Similar Part No. - MJD127

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD127 MOTOROLA-MJD127 Datasheet
284Kb / 8P
   SILICON POWER TRANSISTORS 8 AMPERES 100 VOLTS 20 WATT
logo
Inchange Semiconductor ...
MJD127 ISC-MJD127 Datasheet
246Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
ON Semiconductor
MJD127 ONSEMI-MJD127 Datasheet
284Kb / 8P
   Complementary Darlington Power Transistors
1995 REV 1
logo
Jiangsu High diode Semi...
MJD127 HDSEMI-MJD127 Datasheet
2Mb / 3P
   TO-252-2L P lastic-Encapsulate Transistors
logo
STMicroelectronics
MJD127 STMICROELECTRONICS-MJD127 Datasheet
81Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results

Similar Description - MJD127

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com