Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-7071ETA Datasheet(PDF) 6 Page - Copal Electronics

Part # S-7071ETA
Description  ROTARY CODED SWITCHES (SMD)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

S-7071ETA Datasheet(HTML) 6 Page - Copal Electronics

  S-7071ETA Datasheet HTML 1Page - Copal Electronics S-7071ETA Datasheet HTML 2Page - Copal Electronics S-7071ETA Datasheet HTML 3Page - Copal Electronics S-7071ETA Datasheet HTML 4Page - Copal Electronics S-7071ETA Datasheet HTML 5Page - Copal Electronics S-7071ETA Datasheet HTML 6Page - Copal Electronics S-7071ETA Datasheet HTML 7Page - Copal Electronics S-7071ETA Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
0
6 – 1.2
2.54
2.54
0
6 – 1.2
2.54
2.54
0
6 – 1.6
2.54
2.54
2.54
0
6 – 1.6
2.54
6 –
0.8
φ
2.54
2.54
6 –
0.8
φ
2.54
2.54
RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS
<Top setting>
O A type
O B type
(Unit: mm)
OUTLINE DIMESIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
O S-7060EA (Real code)
O S-7060EB (Real code)
7.2
2.9
2.54
2.54
6 – 0.8
t = 0.15
1
2
C
4
C
1
1
0.6 W
× 2.6 L × 0.6 D
Production date code
7.2
2.9
2.54
2.54
1
2
C
4
C
0.6 W
× 2.6 L × 0.6 D
Production date code
6 – 0.8
t = 0.15
NO
NO
Lead-free ldentification mark
Lead-free ldentification mark
S-7000
ROTARY CODED SWITCHES (SMD)
O B type
<Side setting>
O A type
SIZE OF P.C.B. PROCESSING
Operating face
<Top setting>
O C type
<Side setting>
O C type


Similar Part No. - S-7071ETA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-7070EB ETC2-S-7070EB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
More results

Similar Description - S-7071ETA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA-7000 ETC2-SA-7000 Datasheet
592Kb / 14P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
S-4000 COPAL-S-4000 Datasheet
957Kb / 4P
   ROTARY CODED SWITCHES (SMD)
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES SMD
logo
List of Unclassifed Man...
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
SA-7000 COPAL-SA-7000 Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
SH-7000 COPAL-SH-7000 Datasheet
1Mb / 6P
   ROTARY CODED SWITCHES (SMD)
logo
List of Unclassifed Man...
S-7070EB ETC2-S-7070EB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
S-4010A ETC2-S-4010A Datasheet
153Kb / 4P
   ROTARY CODED SWITCHES (SMD)
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com