Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-2051W Datasheet(PDF) 1 Page - Copal Electronics

Part # S-2051W
Description  ROTARY SELECTOR SWITCHES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

S-2051W Datasheet(HTML) 1 Page - Copal Electronics

  S-2051W Datasheet HTML 1Page - Copal Electronics S-2051W Datasheet HTML 2Page - Copal Electronics S-2051W Datasheet HTML 3Page - Copal Electronics S-2051W Datasheet HTML 4Page - Copal Electronics S-2051W Datasheet HTML 5Page - Copal Electronics S-2051W Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
RoHS compliant
Compact-size DIP pin configuration
Protected against dust and washable after soldering
Self-cleaning mechanism
Part name
P.C.B.
Base
Rotor
Contact
“O” ring
Terminal pin
Material
Flammability
UL94HB
Polybutyleneterephthalate
Silicone rubber
Polybutyleneterephthalate
Copper alloy, Gold-plated
Gold-plated epoxy board
Housing
UL94HB
Polyoxymethylene
PART NUMBER DESIGNATION
INTERNAL STRUCTURE
SS-10 series
SS-10 - 1 6 S P - L - A E W
Series name
No. of poles
1
:1 pole
2
:2 poles
No. of contacts
3
:3 contacts (2 poles only)
5
:5 contacts (1 pole only)
6
:6 contacts (1 pole only)
Schematic    ※1
Shape of rotor
A
:Without OFF position
Blank
:With OFF position
Form of packaging
W
:Tray packaging
Blank
:Plastic bag
Terminal pin
E
:Au (Lead-free)
L
:With knob (extended shaft)
Blank
:Without knob
※Please refer to the LIST OF PART NUMBERS when placing orders.
Setting position
P
:Top setting
Contact timing
N
:Non-shorting (1pole 6 contacts with OFF, 2 poles 3 contacts)
S
:Shorting (1 pole 5 contacts, 1 pole 6 contacts without OFF)
※1:The designation for schematic is only aplicable to SS-10-16 □□ .
The other partnumbers (ex. S-2050, SS-10-15SPEW) are without OFF position.
1
2
7
3
4
5
6
SS-10/S-2050
ROTARY SELECTOR SWITCHES
Copper alloy, Gold-plated
RoHS compliant


Similar Part No. - S-2051W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-2050 ETC2-S-2050 Datasheet
180Kb / 6P
   ROTARY SELECTOR SWITCHES
More results

Similar Description - S-2051W

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
logo
Copal Electronics
RS_SERIES COPAL-RS_SERIES Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
logo
List of Unclassifed Man...
S-2050 ETC2-S-2050 Datasheet
180Kb / 6P
   ROTARY SELECTOR SWITCHES
logo
Copal Electronics
CS-7 COPAL-CS-7 Datasheet
590Kb / 5P
   ROTARY SELECTOR SWITCHES (SMD)
CS-4 COPAL-CS-4 Datasheet
830Kb / 7P
   ROTARY SELECTOR SWITCHES (SMD)
CS-32 COPAL-CS-32 Datasheet
767Kb / 6P
   ROTARY SELECTOR SWITCHES (SMD)
logo
Omega Engineering, Inc.
OSW OMEGA-OSW Datasheet
463Kb / 3P
   Rotary Selector Switches For Thermocouple, RTD and Thermistor Circuits
logo
Cherry Semiconductor Co...
PEAA-3000 CHERRY-PEAA-3000 Datasheet
1Mb / 1P
   Selector Switches
PAAA-3000 CHERRY-PAAA-3000 Datasheet
1Mb / 1P
   SELECTOR SWITCHES
PBC1-E000 CHERRY-PBC1-E000 Datasheet
1Mb / 1P
   Selector Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com