Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-2150 Datasheet(PDF) 5 Page - Copal Electronics

Part # S-2150
Description  ROTARY SELECTOR SWITCHES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

S-2150 Datasheet(HTML) 5 Page - Copal Electronics

  S-2150 Datasheet HTML 1Page - Copal Electronics S-2150 Datasheet HTML 2Page - Copal Electronics S-2150 Datasheet HTML 3Page - Copal Electronics S-2150 Datasheet HTML 4Page - Copal Electronics S-2150 Datasheet HTML 5Page - Copal Electronics S-2150 Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
S-2050
S-2051
S-2150
7
10
0.7 W
× 3.2 L × 1 D
Part No. & Production date code
4.50.5
7.62
C
4
3
2
1
1
11.5
5.08
C
6
10
0.7 W
× 3.2 L × 1 D
Part No. & Production date code
3
2
1
2
3
4
5 – 0.50.1
t = 0.2
2.54
2.54
2.54
36˚
18.1
5.08
C
12.6
10
0.7 W
× 1 D
Part No. & Production date code
3
2
1
2
3
4
5 – 0.50.1
t = 0.2
2.54
2.54
2.54
36˚
Straight knurl M = 0.2
6.6
7
10
0.7 W
× 1 D
Part No. & Production date code
4.50.5
1
Straight knurl
6.6
M = 0.2
7.62
C
4
3
2
1
S-2151
SS-10 / S-2050
ROTARY SELECTOR SWITCHES


Similar Part No. - S-2150

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
S-210 MEANWELL-S-210 Datasheet
274Kb / 2P
   210W Single Output Swithching Power Supply
S-210-12 MEANWELL-S-210-12 Datasheet
274Kb / 2P
   210W Single Output Swithching Power Supply
S-210-13.5 MEANWELL-S-210-13.5 Datasheet
274Kb / 2P
   210W Single Output Swithching Power Supply
S-210-15 MEANWELL-S-210-15 Datasheet
274Kb / 2P
   210W Single Output Swithching Power Supply
S-210-24 MEANWELL-S-210-24 Datasheet
274Kb / 2P
   210W Single Output Swithching Power Supply
More results

Similar Description - S-2150

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
logo
Copal Electronics
RS_SERIES COPAL-RS_SERIES Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
logo
List of Unclassifed Man...
S-2050 ETC2-S-2050 Datasheet
180Kb / 6P
   ROTARY SELECTOR SWITCHES
logo
Copal Electronics
CS-7 COPAL-CS-7 Datasheet
590Kb / 5P
   ROTARY SELECTOR SWITCHES (SMD)
CS-4 COPAL-CS-4 Datasheet
830Kb / 7P
   ROTARY SELECTOR SWITCHES (SMD)
CS-32 COPAL-CS-32 Datasheet
767Kb / 6P
   ROTARY SELECTOR SWITCHES (SMD)
logo
Omega Engineering, Inc.
OSW OMEGA-OSW Datasheet
463Kb / 3P
   Rotary Selector Switches For Thermocouple, RTD and Thermistor Circuits
logo
Cherry Semiconductor Co...
PEAA-3000 CHERRY-PEAA-3000 Datasheet
1Mb / 1P
   Selector Switches
PAAA-3000 CHERRY-PAAA-3000 Datasheet
1Mb / 1P
   SELECTOR SWITCHES
PBC1-E000 CHERRY-PBC1-E000 Datasheet
1Mb / 1P
   Selector Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com