Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH-7040TB Datasheet(PDF) 6 Page - Copal Electronics

Part # SH-7040TB
Description  ROTARY CODED SWITCHES (SMD)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SH-7040TB Datasheet(HTML) 6 Page - Copal Electronics

  SH-7040TB Datasheet HTML 1Page - Copal Electronics SH-7040TB Datasheet HTML 2Page - Copal Electronics SH-7040TB Datasheet HTML 3Page - Copal Electronics SH-7040TB Datasheet HTML 4Page - Copal Electronics SH-7040TB Datasheet HTML 5Page - Copal Electronics SH-7040TB Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SH-7000
ROTARY CODED SWITCHES (SMD)
O SH-70 0TA
(Unit: mm)
O SH-70 0TB
3
2
2
± 0.1
4
± 0.1
12
± 0.1
Direction of feed
1.5
φ
+0.1
0
0.4
± 0.1
4.3
<Magazine packaging specifications>
O Please order the multiple numbers of the specific
packing quantities.
Pieces in package : 50 pcs./stick
PACKAGING SPECIFICATIONS
O Magazine dimensions
(Unit : mm)
13.4
magazine length:390±3mm long
O Embossed tape dimensions
O Reel dimensions
(Unit: mm)
(Conforms to JIS C 0806-3)
(In accordance with EIAJ ET-7200A)
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
End
Head
Empty
Filled
Empty
Leader
2
± 0.5
25.4
± 1
29.4
± 1
Part No. label
13
± 0.2
φ
21
± 0.8
φ


Similar Part No. - SH-7040TB

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SH-7040TB COOPER-SH-7040TB Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES SMD
More results

Similar Description - SH-7040TB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA-7000 ETC2-SA-7000 Datasheet
592Kb / 14P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
S-4000 COPAL-S-4000 Datasheet
957Kb / 4P
   ROTARY CODED SWITCHES (SMD)
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES SMD
logo
List of Unclassifed Man...
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
SA-7000 COPAL-SA-7000 Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
S-7000 COPAL-S-7000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES (SMD)
logo
List of Unclassifed Man...
S-7070EB ETC2-S-7070EB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
S-4010A ETC2-S-4010A Datasheet
153Kb / 4P
   ROTARY CODED SWITCHES (SMD)
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com