Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8111W Datasheet(PDF) 2 Page - Copal Electronics

Part # S-8111W
Description  ROTARY CODED SWITCHES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

S-8111W Datasheet(HTML) 2 Page - Copal Electronics

  S-8111W Datasheet HTML 1Page - Copal Electronics S-8111W Datasheet HTML 2Page - Copal Electronics S-8111W Datasheet HTML 3Page - Copal Electronics S-8111W Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Complemen-
tary code
S-8000
ROTARY CODED SWITCHES
STANDARD SPECIFICATIONS
MECHANICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
ENVIRONMENTAL CHARACTERISTICS
CODE FORMAT
No. of positions
OO  O  O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
0
1
2
3
4
5
6
7
Code
Real code
4
2
1
4
2
1
O … Contact closed
Circuit type
Operating temperature range
Storage temperature range
Sealing
Net weight
BCO (Real code, complementary code)
−25 ~ 70 °C
Washable by “O” ring
※Please refer to page 150,151
Approx. 0.27 g (S-8010, S-8030)
Approx. 0.34 g (S-8110, S-8130)
Approx. 0.33 g (S-8011, S-8031)
Approx. 0.40 g (S-8111, S-8131)
Contact rating
Non-switching
Switching
Minimum
Contact resistance
Insulation resistance
Dielectric strength
DC50 V 100 mA
DC5 V 100 mA
DC20 mV 1
μA
100 m
Ω maximum
1000 M
Ω (DC100 V) minimum
AC250 V, 60 s
No. of positions
8
Adjustment torque
36 mN·m {367 gf·cm} maximum
Stepping angle
45°
Terminal strength
10 N {1.02 kgf} minimum
Solderability
245
± 3 °C, 2 ~ 3 s
{ } : Reference only
Soldering heat
Flow : 260
± 3 °C as the temperature
in a pot of molten solder, immersion
from head of terminal to backside of
board, 5 ~ 6 s, two times maximum
Manual soldering380
± 10 °C, 3 ~ 4 s
Vibration
Shock
Load life
Humidity (Steady state)
High temperature exposure
Low temperature exposure
Thermal shock
(Amplitude) 1.5 mm or
(Acceleration) 98 m/s
2,
10-500-10 Hz, 3 directions for 2 h each
490 m/s
2, 11 ms
6 directions for 3 times each
10000 steps minimum
DC5 V, 100 mA
40 °C, Relative humidity 90 ~ 95 %, 240 h
70 °C, 96 h
−25 °C, 96 h
−25 (0.5 h) ~ 70 °C (0.5 h), 5 cycles


Similar Part No. - S-8111W

ManufacturerPart #DatasheetDescription
logo
Analog Devices
S-8110 AD-S-8110 Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
Seiko Instruments Inc
S-8110C SII-S-8110C Datasheet
324Kb / 21P
   CMOS TEMPERATURE SENSOR IC
S-8110CNB-DRA-TF-G SII-S-8110CNB-DRA-TF-G Datasheet
324Kb / 21P
   CMOS TEMPERATURE SENSOR IC
S-8110CPF-DRA-TF-G SII-S-8110CPF-DRA-TF-G Datasheet
324Kb / 21P
   CMOS TEMPERATURE SENSOR IC
More results

Similar Description - S-8111W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com