Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS-5400 Datasheet(PDF) 6 Page - Keysight Technologies

Part # TS-5400
Description  TS-5400 Series II Automotive Electronics Functional Test System
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

TS-5400 Datasheet(HTML) 6 Page - Keysight Technologies

Back Button TS-5400 Datasheet HTML 2Page - Keysight Technologies TS-5400 Datasheet HTML 3Page - Keysight Technologies TS-5400 Datasheet HTML 4Page - Keysight Technologies TS-5400 Datasheet HTML 5Page - Keysight Technologies TS-5400 Datasheet HTML 6Page - Keysight Technologies TS-5400 Datasheet HTML 7Page - Keysight Technologies TS-5400 Datasheet HTML 8Page - Keysight Technologies TS-5400 Datasheet HTML 9Page - Keysight Technologies TS-5400 Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Test Requirements and
Methodologies
Serial
Most ECM designs include a serial
interface as shown in figure 7.
Communication protocols vary by
manufacturer, but most comply with
OBD2 standards. Variations include
ISO-9141, J1939/CAN and J1850. The
serial link is used in the automobile
itself, but can also assist in the test-
ing of the module. Test code (as
opposed to operational code) is either
included in ROM or downloaded
through the serial link into the mod-
ule. Operational code is either pres-
ent in ROM during test or is down-
loaded when the unit is shipped.
Using test code routines as part of
the test program, the test system
establishes a set of conditions to
which the ECM responds. This test
approach is called UUT-assisted test.
Power
Analog Sensors
Coil Drivers for
Ignition Coil
Injection Drivers for
Fuel Injectors
Serial Interface
Knock Sensor
Discrete Inputs
Display Lamps
Other Outputs
µController
Figure 7. Serial interface for engine control ECM
UUT-Assisted Test
For clarity, consider three different
modes for performing UUT-assisted
test. The mode chosen will be
defined by the test stimulus source
and response destination.
Serial Link Evaluation: This first mode
simply evaluates the serial link and
microcontroller. Commands received
by the microcontroller over the serial
link prompt a serial response that is
sent back to the test system. The sys-
tem then verifies the response and it
may follow with a full CRC memory
check. Parametric tests may also be
run to test the serial link’s character-
istics, such as delay, rise and fall
times, and input impedance.
I/O Status Evaluation: This mode
uses the test system I/O to deter-
mine the ECM input states. This is
accomplished by sending a message
over the serial link to the ECM
prompting it to run one of its loaded
test routines. For example, use of this
mode may occur when supplying an
analog input into the system to verify
the A/D conversion and the control-
ler’s handling and communication of
the proper (hex) data over the serial
link. Specifically, this analog input
may be a simulation of a sensor’s
output for air or water temperature,
the throttle position indicator (TPI),
manifold air pressure (MAP) and the
like. This mode illustrates how UUT-
assisted testing allows the test sys-
tem to assess proper functioning of
several functions at once—including
the controller and serial link. In
addition, the system can assess
the A/D and waveform processing
circuitry.
Input Evaluation: The final mode
involves the test system supplying
input, then reading the value at either
the input or output of the module. For
example, this would include dynamic
tests such as the application of a
cam/crank phase synchronous wave-
form, (MAP or TPI input). This evalua-
tion would verify if the signal is read
correctly at the input of the module or
if the given signal prompted the
appropriate response at the
module’s output.


Similar Part No. - TS-5400

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
TS-500-2UPN8X-H1141 TURCK-TS-500-2UPN8X-H1141 Datasheet
343Kb / 6P
   Temperature measurement 2 PNP/NPN transistor switching outputs
TS-500-LI2UPN8X-H1141 TURCK-TS-500-LI2UPN8X-H1141 Datasheet
344Kb / 6P
   Temperature measurement
logo
Keysight Technologies
TS-5020 KEYSIGHT-TS-5020 Datasheet
665Kb / 9P
   TS-5020 Automotive Electronics Functional Test System
TS-5040 KEYSIGHT-TS-5040 Datasheet
260Kb / 7P
   TS-5000 Family
logo
Turck, Inc.
TS-516-LI2UPN8X-H1141 TURCK-TS-516-LI2UPN8X-H1141 Datasheet
223Kb / 3P
   Temperature measurement
More results

Similar Description - TS-5400

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
TS-5020 KEYSIGHT-TS-5020 Datasheet
665Kb / 9P
   TS-5020 Automotive Electronics Functional Test System
TS-8900 KEYSIGHT-TS-8900 Datasheet
770Kb / 63P
   TS-8900 Automotive Electronics Functional Test System
U8972A KEYSIGHT-U8972A Datasheet
713Kb / 22P
   TS-5400 High Performance PXI Functional Test System with Mac Panel Interface
TS-8989 KEYSIGHT-TS-8989 Datasheet
678Kb / 2P
   PXI Functional Test System
logo
3M Electronics
EXII-ASIC-C 3M-EXII-ASIC-C Datasheet
118Kb / 4P
   EX II Series Capacitive Touch System Electronics
logo
Keysight Technologies
N5972A KEYSIGHT-N5972A Datasheet
2Mb / 8P
   Interactive Functional Test Software
E6702G KEYSIGHT-E6702G Datasheet
2Mb / 8P
   Interactive Functional Test Software
E6708A KEYSIGHT-E6708A Datasheet
98Kb / 4P
   RF Parametric and Functional Test
logo
NTE Electronics
02-N101-1 NTE-02-N101-1 Datasheet
408Kb / 1P
   Automotive Electronics
logo
Hirose Electric
DF59 HIROSE-DF59 Datasheet
776Kb / 12P
   2mm Pitch, Multi Functional Connector System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com