Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS-5040 Datasheet(PDF) 5 Page - Keysight Technologies

Part # TS-5040
Description  TS-5000 Family
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

TS-5040 Datasheet(HTML) 5 Page - Keysight Technologies

  TS-5040 Datasheet HTML 1Page - Keysight Technologies TS-5040 Datasheet HTML 2Page - Keysight Technologies TS-5040 Datasheet HTML 3Page - Keysight Technologies TS-5040 Datasheet HTML 4Page - Keysight Technologies TS-5040 Datasheet HTML 5Page - Keysight Technologies TS-5040 Datasheet HTML 6Page - Keysight Technologies TS-5040 Datasheet HTML 7Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
05
Function
N9377A
N9378A
N9379A
Switch topology
16-channel / 2 loads per
channel, off-board loads
24-channel / 4 loads per
channel with common,
on-board loads
48-channel / 2 loads per
channel with common,
on-board loads
Path resistance channel to
common
N/A
0.130 Ω maximum
0.300 Ω maximum
Path resistance from power
bus to load card connect
0.4 Ω maximum
0.5 Ω maximum
0.5 Ω maximum
Load path relay operate/
release time
10/5 msec maximum,
30 cps maximum
4/4 msec maximum,
10 cps maximum
4/4 msec max,
10 cps maximum
Peak voltage to earth
60 V continuous
500 V maximum transient,
non-switching (delays to
< 60 V in 200 mS)
60 V continuous
500 V maximum transient,
non-switching (delays to
< 60 V in 200 mS)
60 V continuous
200 V maximum transient,
non-switching (delays to
< 60 V in 200 mS)
Load carry/switching current
(per channel)
7.5 A maximum non-switching,
continuous
2 A maximum
2 A maximum
Load carry peak current
15 A maximum, non-switching
(< 100 msec, < 2% duty cycle)
1 A maximum
1 A maximum
Load switching power
150 W maximum, resistive load
N/A
N/A
Load switching voltage
60 V maximum
30 V maximum
(relay switching)
30 V maximum
(relay switching)
Minimum permissible load
10 mA, 5 V
10 uA, 10 mV DC
10 uA, 10 mV DC
Basic current sense accuracy
with standard 0.05 Ω sense
resistor
0.1% maximum
N/A
N/A
Basic current sense accuracy
with different ampliier
engaged (Vcm = 0 V)
0.2% + 30 mA
N/A
N/A
Basic current sense accuracy
with different ampliier
engaged (Vcm = 16 V)
0.2% + 100 mA
N/A
N/A
Isense differential ampliier
3 dB bandwidth
500 kHz typical
N/A
N/A
Isense differential ampliier
slew rate
40 A/uS typical
N/A
N/A
Power dissipation, individual
load mounted on load card
N/A
2 W maximum, each load
2 W maximum, each load
Average power for loads
mounted on load card
N/A
20 W maximum total, per card
20 W maximum total, per card
(1)
One channel at a time. Special accessories required to support multi-channel 30 A load switching at any one time.
(2)
Exclusive of load
Keysight Multi-Load Load Cards Speciications


Similar Part No. - TS-5040

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
TS-500-2UPN8X-H1141 TURCK-TS-500-2UPN8X-H1141 Datasheet
343Kb / 6P
   Temperature measurement 2 PNP/NPN transistor switching outputs
TS-500-LI2UPN8X-H1141 TURCK-TS-500-LI2UPN8X-H1141 Datasheet
344Kb / 6P
   Temperature measurement
logo
Keysight Technologies
TS-5020 KEYSIGHT-TS-5020 Datasheet
665Kb / 9P
   TS-5020 Automotive Electronics Functional Test System
More results

Similar Description - TS-5040

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86065-5000 MOLEX-86065-5000 Datasheet
107Kb / 4P
   86065-5000
logo
PHOENIX CONTACT
1813677 PHOENIX-1813677 Datasheet
98Kb / 3P
   MKDSN 1,5/ 2 TS
11/04/2018
logo
Wurth Elektronik GmbH &...
33040 WURTH-33040 Datasheet
202Kb / 3P
   WE-TS Shielding Textiles
003.001
logo
Alcoa international inc...
99-5000 ALCOA-99-5000 Datasheet
151Kb / 2P
   99-5000
logo
Winchester Electronics ...
KTK-15 WINCHESTER-KTK-15 Datasheet
127Kb / 1P
   KTH-5000 SERIES
logo
Weidmuller
8000028951 WEIDMULLER-8000028951 Datasheet
266Kb / 3P
   EM-CONNECTIVITY-BOX TS
November 4, 2021
logo
Winchester Electronics ...
KTK-14 WINCHESTER-KTK-14 Datasheet
127Kb / 1P
   KTH-5000 SERIES
logo
Weidmuller
0222860000 WEIDMULLER-0222860000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
logo
PHOENIX CONTACT
1995282 PHOENIX-1995282 Datasheet
86Kb / 2P
   MKKDS 1,5/ 3-5,08 TS
logo
List of Unclassifed Man...
NEURON5000 ETC2-NEURON5000 Datasheet
3Mb / 8P
   Neuron짰 5000 Processor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com