Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFH75N10Q Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFH75N10Q
Description  HIPER FET POWER MOSFETS Q CLASS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH75N10Q Datasheet(HTML) 1 Page - IXYS Corporation

  IXFH75N10Q Datasheet HTML 1Page - IXYS Corporation IXFH75N10Q Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 1999 IXYS All rights reserved
Symbol
TestConditions
Maximum Ratings
V
DSS
T
J = 25°C to 150°C
100
V
V
DGR
T
J = 25°C to 150°C; RGS = 1 MΩ
100
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C75
A
I
DM
T
C = 25°C, pulse width limited by TJM
300
A
I
AR
T
C = 25°C75
A
E
AR
T
C = 25°C30
mJ
E
AS
T
C = 25°C
1.5
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
5
V/ns
T
J ≤ 150°C, RG = 2 Ω
P
D
T
C = 25°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
M
d
Mounting torque
1.13/10 Nm/lb.in.
Weight
TO-247AD
6
g
TO-268
4
g
TO-247 AD (IXFH)
G = Gate
D = Drain
S = Source
TAB = Drain
(TAB)
98550A (6/99)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min. Typ.
Max.
V
DSS
V
GS = 0 V, ID = 250 µA
100
V
V
GS(th)
V
DS = VGS, ID = 4 mA
2.0
4
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS = VDSS
T
J =
25°C25
µA
V
GS = 0 V
T
J = 125°C1
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
20 m Ω
Pulse test, t ≤ 300 µs, duty cycle d ≤ 2 %
TO-268 (IXFT) Case Style
(TAB)
G
S
HiPerFETTM
Power MOSFETs
Q-Class
Features
l IXYS advanced low gate charge
process
l International standard packages
l Low gate charge and capacitance
- easier to drive
- faster switching
l Low R
DS (on)
l Unclamped Inductive Switching (UIS)
rated
l Molding epoxies meet UL 94 V-0
flammability classification
Advantages
l Easy to mount
l Space savings
l High power density
IXFH 75N10Q
V
DSS
= 100
V
IXFT 75N10Q
I
D25
= 75
A
R
DS(on)
= 20 mW
t
rr £ 200ns
Advanced Technical Information
N-ChannelEnhancementMode
Avalanche Rated, High dv/dt
Low Gate Charge and Capacitances


Similar Part No. - IXFH75N10Q

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFH75N10Q ISC-IXFH75N10Q Datasheet
371Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXFH75N10Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFK48N50Q IXYS-IXFK48N50Q Datasheet
48Kb / 2P
   HiPer FET Power MOSFETs Q-CLASS
IXFN120N20 IXYS-IXFN120N20 Datasheet
69Kb / 2P
   HiPer FET Power MOSFETs
IXTQ23N60Q IXYS-IXTQ23N60Q Datasheet
538Kb / 4P
   Power MOSFETs Q-Class
logo
International Rectifier
IXTH28N50Q IRF-IXTH28N50Q Datasheet
177Kb / 4P
   Power MOSFETs Q-Class
logo
IXYS Corporation
FMD21-05QC IXYS-FMD21-05QC Datasheet
62Kb / 2P
   Q-Class Power MOSFETs
IXFH7N90Q IXYS-IXFH7N90Q Datasheet
55Kb / 2P
   HiPerFETTM Power MOSFETs Q-Class
IXFH13N80Q IXYS-IXFH13N80Q Datasheet
51Kb / 2P
   HiPerFET Power MOSFETs Q Class
IXFH15N100Q IXYS-IXFH15N100Q Datasheet
137Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFB80N50Q2 IXYS-IXFB80N50Q2 Datasheet
172Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFK24N90Q IXYS-IXFK24N90Q Datasheet
87Kb / 2P
   HiPerFET Power MOSFETs Q-CLASS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com