Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS1M-LTP Datasheet(PDF) 6 Page - Dialog Semiconductor

Part # FS1M-LTP
Description  Evaluation Board for 15W Single-Output Switch-Mode Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

FS1M-LTP Datasheet(HTML) 6 Page - Dialog Semiconductor

  FS1M-LTP Datasheet HTML 1Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 2Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 3Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 4Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 5Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 6Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 7Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
iW1830-EVAL1
Evaluation Board for 15W Single-Output
Switch-Mode Power Supply
Rev. 1.0
Evaluation Board Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
6 of 7
18-May-2016
Item Qty.
Ref.
Description
Footprint
Mfg. Part Number
Manufacturer
42
1
Themical
Grease
HEAT SINK GREASE SILICONE FREE for
Heatsink and D1
CW7270
Chemtronics
43
1
Screw set
Machine screw pan phillips M3 for heatsink and
D1
MPMS 003 0008 PH
B&F Fastener Supply
44
1
Screw set
Washer flat M3 steel for heatsink and D1
MFWZ 003
B&F Fastener Supply
45
1
Screw set
Washer split lock M3 steel for heatsink and D1
MLWZ 003
B&F Fastener Supply
Note 1:
The iW1830-EVAL1 evaluation board uses a common mode choke which is intended for 5V/3A designs that are used as
part of circuits in white goods. Alternative UL-1310 compliant parts should be used if this design is used for a standalone
5V/3A power unit.


Similar Part No. - FS1M-LTP

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
FS1M-LTP DIALOG-FS1M-LTP Datasheet
474Kb / 6P
   Evaluation Board for 10W Single-Output Switch-Mode Power Supply
FS1M-LTP DIALOG-FS1M-LTP Datasheet
482Kb / 7P
   Evaluation Board for 15W Dual-Output Switch-Mode Power Supply
More results

Similar Description - FS1M-LTP

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1830-EVAL DIALOG-IW1830-EVAL Datasheet
482Kb / 7P
   Evaluation Board for 15W Dual-Output Switch-Mode Power Supply
IW1818-EVAL DIALOG-IW1818-EVAL Datasheet
474Kb / 6P
   Evaluation Board for 10W Single-Output Switch-Mode Power Supply
logo
Total Power Internation...
NES-15 TOTAL-POWER-NES-15 Datasheet
276Kb / 2P
   15W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-15 MEANWELL-RS-15 Datasheet
249Kb / 2P
   15W Single Output Switching Power Supply
NES-15 MEANWELL-NES-15_11 Datasheet
268Kb / 2P
   15W Single Output Switching Power Supply
S-15 MEANWELL-S-15 Datasheet
437Kb / 2P
   15W Single Output Switching Power Supply
RS-15 MEANWELL-RS-15_10 Datasheet
259Kb / 2P
   15W Single Output Switching Power Supply
EPS-15 MEANWELL-EPS-15_13 Datasheet
926Kb / 3P
   15W SINGLE OUTPUT SWTICHING POWER SUPPLY
NES-15 MEANWELL-NES-15 Datasheet
860Kb / 2P
   15W Single Output Switching Power Supply
PS-15 MEANWELL-PS-15_09 Datasheet
285Kb / 2P
   15W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com