Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS52231 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NLAS52231
Description  Ultra-Low Dual SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS52231 Datasheet(HTML) 7 Page - ON Semiconductor

  NLAS52231 Datasheet HTML 1Page - ON Semiconductor NLAS52231 Datasheet HTML 2Page - ON Semiconductor NLAS52231 Datasheet HTML 3Page - ON Semiconductor NLAS52231 Datasheet HTML 4Page - ON Semiconductor NLAS52231 Datasheet HTML 5Page - ON Semiconductor NLAS52231 Datasheet HTML 6Page - ON Semiconductor NLAS52231 Datasheet HTML 7Page - ON Semiconductor NLAS52231 Datasheet HTML 8Page - ON Semiconductor NLAS52231 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NLAS52231
http://onsemi.com
7
0.000
10
1000
10000
100000
FREQUENCY (Hz)
Figure 7. Cross Talk vs. Frequency
@ VCC = 4.3 V
FREQUENCY (MHz)
0
−10
−70
0.1
100
10
1
0.01
−20
−30
−40
−50
−60
−80
Figure 8. Bandwidth vs. Frequency
FREQUENCY (MHz)
0.01
100
1
0.1
0
−2.5
−3
−3.5
−4
−4.5
10
0.2
0.25
0
0.5
1
1.5
2
3
VIN (V)
2.5
−40°C
85°C
25°C
0.3
0.35
0.4
0.45
Figure 9. Total Harmonic Distortion
Figure 10. On−Resistance vs. Input Voltage
@ VCC = 3.0 V
Figure 11. On−Resistance vs. Input Voltage
@ VCC = 4.3 V
0.15
0.2
0.25
0.3
01
23
VIN (V)
0.5
1.5
2.5
3.5
4
−40°C
85°C
25°C
0.24
0.26
0.28
0.30
0.32
0.34
0
0.5
1
1.5
2
2.5
VIN (V)
Figure 12. On−Resistance vs. Input Voltage
3.0 V
100
0.005
0.010
0.015
0.020
0.025
0.030
0.35
0.4
4.3 V
−90
−100
0.5
0.55
0.5
3
0.6
0.45
3.5
4
0.55
4.5
0.36
0.38
0.40
0.42
0.44
0.46
−0.5
−1
−1.5
−2
0.65
0.7
0.6
0.65


Similar Part No. - NLAS52231

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS52231 ONSEMI-NLAS52231 Datasheet
149Kb / 9P
   Ultra-Low 0.4廓 Dual SPDT Analog Switch with Overshoot
September, 2007 - Rev. 1
NLAS52231MUR2G ONSEMI-NLAS52231MUR2G Datasheet
149Kb / 9P
   Ultra-Low 0.4廓 Dual SPDT Analog Switch with Overshoot
September, 2007 - Rev. 1
More results

Similar Description - NLAS52231

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SLAS5223 ONSEMI-SLAS5223 Datasheet
151Kb / 10P
   Ultra-Low Dual SPDT Analog Switch
October, 2013 ??Rev. 0
NLAS5223 ONSEMI-NLAS5223_15 Datasheet
108Kb / 10P
   Ultra-Low 0.5 Dual SPDT Analog Switch
September, 2015 ??Rev. 6
NLAS4685 ONSEMI-NLAS4685 Datasheet
93Kb / 10P
   Ultra-Low Resistance Dual SPDT Analog Switch
August, 2005 ??Rev. 2
NLAS5223B ONSEMI-NLAS5223B_11 Datasheet
165Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
October, 2011 ??Rev. 8
NLAS5223B ONSEMI-NLAS5223B_15 Datasheet
117Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
August, 2015 ??Rev. 9
NLAS4684 ONSEMI-NLAS4684 Datasheet
134Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
January, 2007 ??Rev. 15
NLAS4684 ONSEMI-NLAS4684_08 Datasheet
179Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
September, 2008 ??Rev. 20
NS5A4684SMNTBG ONSEMI-NS5A4684SMNTBG Datasheet
139Kb / 8P
   Ultra-Low Resistance Dual SPDT Analog Switch
March, 2013 ??Rev. 1
logo
SG Micro Corp
SGM5223 SGMICRO-SGM5223_15 Datasheet
326Kb / 11P
   Ultra Low ON-Resistance Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223_06 Datasheet
115Kb / 11P
   Ultra-Low 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com