Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS7213 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NLAS7213
Description  High-Speed USB 2.0 DPST Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS7213 Datasheet(HTML) 6 Page - ON Semiconductor

  NLAS7213 Datasheet HTML 1Page - ON Semiconductor NLAS7213 Datasheet HTML 2Page - ON Semiconductor NLAS7213 Datasheet HTML 3Page - ON Semiconductor NLAS7213 Datasheet HTML 4Page - ON Semiconductor NLAS7213 Datasheet HTML 5Page - ON Semiconductor NLAS7213 Datasheet HTML 6Page - ON Semiconductor NLAS7213 Datasheet HTML 7Page - ON Semiconductor NLAS7213 Datasheet HTML 8Page - ON Semiconductor NLAS7213 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NLAS7213
www.onsemi.com
6
Channel switch control/s test socket is normalized. Off isolation is measured across an off channel. On loss
is the bandwidth of an On switch. VISO, Bandwidth and VONL are independent of the input signal direction.
VISO = Off Channel Isolation = 20 Log
for VIN at 100 kHz
VONL = On Channel Loss = 20 Log
for VIN at 100 kHz to 50 MHz
Bandwidth (BW) = the frequency 3 dB below VONL
VCT = Use VISO setup and test to all other switch analog input/outputs terminated with 50 W
Output
DUT
Input
50
W
50
W Generator
Reference
Transmitted
Figure 8. Off Channel Isolation/On Channel Loss (BW)/Crosstalk
(On Channel to Off Channel)/VONL
50
W
VOUT
VIN
VOUT
VIN


Similar Part No. - NLAS7213

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
More results

Similar Description - NLAS7213

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
logo
Intersil Corporation
ISL54228 INTERSIL-ISL54228 Datasheet
738Kb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
ON Semiconductor
NLAS7222A ONSEMI-NLAS7222A_11 Datasheet
205Kb / 11P
   High-Speed USB 2.0 DPDT Switch
October, 2011 ??Rev. 5
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221 Datasheet
1Mb / 18P
   High-speed USB 2.0 switch with enable
Rev. 2-9 November 2011
logo
Texas Instruments
BQ24392-Q1 TI1-BQ24392-Q1_16 Datasheet
992Kb / 22P
[Old version datasheet]   Dual SPST USB 2.0 High Speed Switch
logo
Savitech Corp.
SV7102 SAVITECH-SV7102 Datasheet
291Kb / 8P
   Low Voltage, High-Speed USB 2.0 Switch
logo
NXP Semiconductors
NX3DV221 PHILIPS-NX3DV221 Datasheet
1Mb / 18P
   High-speed USB 2.0 switch with enable
Rev. 2-9 November 2011
logo
Texas Instruments
BQ24392 TI1-BQ24392_16 Datasheet
992Kb / 22P
[Old version datasheet]   Dual SPST USB 2.0 High Speed Switch
logo
Renesas Technology Corp
ISL54226 RENESAS-ISL54226 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com