Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS4599 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NLAS4599
Description  Low Voltage Single Supply SPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4599 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NLAS4599_11 Datasheet HTML 2Page - ON Semiconductor NLAS4599_11 Datasheet HTML 3Page - ON Semiconductor NLAS4599_11 Datasheet HTML 4Page - ON Semiconductor NLAS4599_11 Datasheet HTML 5Page - ON Semiconductor NLAS4599_11 Datasheet HTML 6Page - ON Semiconductor NLAS4599_11 Datasheet HTML 7Page - ON Semiconductor NLAS4599_11 Datasheet HTML 8Page - ON Semiconductor NLAS4599_11 Datasheet HTML 9Page - ON Semiconductor NLAS4599_11 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
NLAS4599
http://onsemi.com
6
Channel switch control/s test socket is normalized. Off isolation is measured across an off channel. On loss is
the bandwidth of an On switch. VISO, Bandwidth and VONL are independent of the input signal direction.
VISO = Off Channel Isolation = 20 Log
for VIN at 100 kHz
VONL = On Channel Loss = 20 Log
for VIN at 100 kHz to 50 MHz
Bandwidth (BW) = the frequency 3 dB below VONL
Output
DUT
Input
50 W
50 W Generator
Reference
Transmitted
Figure 7. Off Channel Isolation/On Channel Loss (BW)/Crosstalk
(On Channel to Off Channel)/VONL
50 W
VOUT
VIN
VOUT
VIN
Off
On
Off
DVOUT
VCC
GND
Output
VIN
CL
DUT
Figure 8. Charge Injection: (Q)
VIN
Open
Output
−55
−20
Figure 9. Switch Leakage vs. Temperature
1
INO(OFF)
TEMPERATURE (°C)
0.01
25
0.001
0.1
70
85
125
ICOM(ON)
ICOM(OFF)
VCC = 5.0 V
10
100


Similar Part No. - NLAS4599_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4599DFT2 ONSEMI-NLAS4599DFT2 Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
NLAS4599DFT2G ONSEMI-NLAS4599DFT2G Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
NLAS4599DTT1 ONSEMI-NLAS4599DTT1 Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
NLAS4599DTT1G ONSEMI-NLAS4599DTT1G Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
More results

Similar Description - NLAS4599_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAST4599 ONSEMI-NLAST4599_17 Datasheet
133Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
August, 2017 ??Rev. 9
NLAST4599 ONSEMI-NLAST4599 Datasheet
120Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
November, 2002 - Rev. 6
NLAST4599 ONSEMI-NLAST4599_06 Datasheet
138Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
May, 2006 ??Rev. 8
NLAS4599 ONSEMI-NLAS4599 Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
logo
Intersil Corporation
ISL43210 INTERSIL-ISL43210_07 Datasheet
304Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL43210 RENESAS-ISL43210 Datasheet
625Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4599 MAXIM-MAX4599 Datasheet
128Kb / 8P
   Low-Voltage, Single-Supply, SPDT Analog Switch in SC70
Rev 0; 2/00
MAX4599EUT MAXIM-MAX4599EUT Datasheet
263Kb / 9P
   Low-Voltage, Single-Supply, SPDT Analog Switch in SC70
Rev 2; 2/04
MAX4736 MAXIM-MAX4736 Datasheet
332Kb / 11P
   0.8?? Low-Voltage, Single-Supply, Dual SPDT Analog Switch
Rev 0; 4/02
logo
Intersil Corporation
ISL43210A INTERSIL-ISL43210A Datasheet
556Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com