Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G9SA Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G9SA
Description  The G9SA Series Offers a Complete Line-up of Compact Units
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SA Datasheet(HTML) 5 Page - Omron Electronics LLC

  G9SA_15 Datasheet HTML 1Page - Omron Electronics LLC G9SA_15 Datasheet HTML 2Page - Omron Electronics LLC G9SA_15 Datasheet HTML 3Page - Omron Electronics LLC G9SA_15 Datasheet HTML 4Page - Omron Electronics LLC G9SA_15 Datasheet HTML 5Page - Omron Electronics LLC G9SA_15 Datasheet HTML 6Page - Omron Electronics LLC G9SA_15 Datasheet HTML 7Page - Omron Electronics LLC G9SA_15 Datasheet HTML 8Page - Omron Electronics LLC G9SA_15 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
G9SA
Wiring of Inputs and Outputs
*1. Terminal T23
Terminal T23 is used for 2-channel input with a positive common (when connecting a safety sensor with a PNP output). When T23 is being
used, please open T21 and T22. For 1-channel input, short circuit T12-T23 before use.
*2. Output Contacts
G9SA-301: Safety Output Contacts 13-14, 23-24, 33-34. Auxiliary Contact 41-42.
G9SA-501: Safety Output Contacts 13-14, 23-24, 33-34, 43-44, 53-54. Auxiliary Contact 61-62.
G9SA-321-T
@: Safety Output Contacts 13-14, 23-24, 33-34. Safety OFF-delay Output Contact 43-44, 53-54. Auxiliary Contact 61-62.
*3. Terminals A and B
A-B Opening: Manual Reset
A-B Short Circuit: Auto Reset
Signal name
Terminal name
Description of operation
Power supply input
A1, A2
The input terminals for power supply. Connect the power source to the A1 and A2 terminals.
DC inputs have polarity, so A1 should be connected to the positive side and A2 to the negative side.
Safety input 1
T11, T12
To set the safety outputs in the ON state, the ON state signals must be input to both safety input 1 and
safety input 2. Otherwise the safety outputs cannot be in the ON state.
Safety input 2
T21, T22, T23
*1
Feedback/reset input
T31, T32
To set the safety outputs in the ON state, the ON state signal must be input to T31 - T32. Otherwise the
safety outputs cannot be in the ON state.
Instantaneous safety outputs
See below.
*2
Turns ON/OFF according to the state of the safety inputs and feedback/reset inputs. During OFF-delay
state, the Instantaneous safety outputs are not able to turn ON.
OFF-delayed safety outputs
See below.
*2
OFF-delayed safety outputs. The OFF-delay time is set by the OFF-delay preset switch.
Auxiliary output
See below.
*2
Synchronized with Instantaneous Safety Output.
Manual/Auto selector input
A, B
*3
Switch between Auto Reset and Manual Reset modes.
Ground terminal
PE
Be sure to connect the PE terminal to a protective earth for 100-240 VAC models.
Where the 24 VAC/VDC model power supply is not grounded, lease be sure to connect the PE to a
protective earth.


Similar Part No. - G9SA_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G9SA-301 ETC-G9SA-301 Datasheet
192Kb / 11P
   Sicherheitsmodul
logo
Omron Electronics LLC
G9SA-301 OMRON-G9SA-301 Datasheet
1Mb / 16P
   The G9SA Series Offers a Complete Line-up of Compact Units.
G9SA-301 OMRON-G9SA-301 Datasheet
1Mb / 98P
   Safety Light Curtain Type 4
March 2010
logo
List of Unclassifed Man...
G9SA-321-T075 ETC-G9SA-321-T075 Datasheet
192Kb / 11P
   Sicherheitsmodul
logo
Omron Electronics LLC
G9SA-321-T075 OMRON-G9SA-321-T075 Datasheet
1Mb / 16P
   The G9SA Series Offers a Complete Line-up of Compact Units.
More results

Similar Description - G9SA_15

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9SA OMRON-G9SA Datasheet
1Mb / 16P
   The G9SA Series Offers a Complete Line-up of Compact Units.
logo
ESPRESSIF SYSTEMS (SHAN...
ESP8089 ESPRESSIF-ESP8089 Datasheet
836Kb / 20P
   The ESP8089 offers a complete and self-contained Wi-Fi networking solution
logo
Laird Tech Smart Techno...
BISM2 LSTD-BISM2 Datasheet
1Mb / 31P
   The BISM2 Bluetooth Serial Module is one of the most compact complete
logo
NXP Semiconductors
68HC05PD6 NXP-68HC05PD6 Datasheet
1Mb / 165P
   The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).
July 7, 1997 REV 1.1
logo
Hirose Electric
GT7-2022SCF HIROSE-GT7-2022SCF Datasheet
281Kb / 10P
   Interface Portions and In-line Portions of the Various Units and Devices
GT6-1214SCF HIROSE-GT6-1214SCF Datasheet
96Kb / 3P
   Interface Portions and In-line Portions of the Various Units and Devices
logo
List of Unclassifed Man...
IPC-201 ETC-IPC-201 Datasheet
1Mb / 12P
   A complete training system in the field of Industrial Process Control
logo
STMicroelectronics
AN2808 STMICROELECTRONICS-AN2808 Datasheet
2Mb / 40P
   The PM6670S device is a complete
logo
NXP Semiconductors
MC68HC908JL8SM NXP-MC68HC908JL8SM Datasheet
826Kb / 56P
   The MC68HC908JL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units
3/2003
MC68HC908QY4SM NXP-MC68HC908QY4SM Datasheet
1Mb / 52P
   The MC68HC908QY4 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units
Rev. 0.1, 12/2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com