Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7401 Datasheet(PDF) 5 Page - Analog Devices

Part # IRF7401
Description  Thermoelectric Cooler Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

IRF7401 Datasheet(HTML) 5 Page - Analog Devices

  IRF7401 Datasheet HTML 1Page - Analog Devices IRF7401 Datasheet HTML 2Page - Analog Devices IRF7401 Datasheet HTML 3Page - Analog Devices IRF7401 Datasheet HTML 4Page - Analog Devices IRF7401 Datasheet HTML 5Page - Analog Devices IRF7401 Datasheet HTML 6Page - Analog Devices IRF7401 Datasheet HTML 7Page - Analog Devices IRF7401 Datasheet HTML 8Page - Analog Devices IRF7401 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
REV. C
Typical Performance Characteristics–ADN8830
–5–
TIME (20ns/DIV)
0
00
0
0000
0
000
P1
N1
VDD = 5V
TA = 25 C
TPC 1. N1 and P1 Rise Time
TIME (20ns/DIV)
0
00
0
0000
0
000
VDD = 5V
TA = 25 C
P1
N1
TPC 2. N1 and P1 Fall Time
360
320
0
160
120
80
40
240
200
280
VPHASE (V)
2.4
0.4
0.8
1.2
1.6
2.0
0
SYNC IN = 1MHz
TA = 25 C
TPC 3. Clock Phase Shift vs. Phase Voltage
320
0
160
120
80
40
240
200
280
VPHASE (V)
2.4
0.4
0.8
1.2
1.6
2.0
0
SYNC IN = 200kHz
TA = 25 C
360
TPC 4. Clock Phase Shift vs. Phase Voltage
TEMPERATURE ( C)
2.480
2.475
2.455
–40
85
–15
10
35
60
2.470
2.465
2.460
TPC 5. VREF vs. Temperature
RFREQ (k )
1,000
800
0
01,500
250
500
750
1,000
1,250
600
400
200
VDD = 5V
TA = 25 C
TPC 6. Switching Frequency vs. RFREQ


Similar Part No. - IRF7401

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7401 IRF-IRF7401 Datasheet
118Kb / 9P
   Power MOSFET(Vdss=20V, Rds(on)=0.022ohm)
logo
Analog Devices
IRF7401 AD-IRF7401 Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
logo
Guangdong Youtai Semico...
IRF7401 UMW-IRF7401 Datasheet
408Kb / 8P
   N-Channel MOSFET
logo
International Rectifier
IRF7401PBF IRF-IRF7401PBF Datasheet
197Kb / 9P
   HEXFET짰 Power MOSFET
IRF7401PBF IRF-IRF7401PBF Datasheet
202Kb / 9P
   ULTRA LOW ON RESISTANCE
More results

Similar Description - IRF7401

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8830 AD-ADN8830_15 Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
ADN8830ACPZ AD-ADN8830ACPZ Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
ADN8831ACPZ-R2 AD-ADN8831ACPZ-R2 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831 AD-ADN8831 Datasheet
505Kb / 11P
   Thermoelectric Cooler (TEC) Controller
Rev. PrC
ADN8831ACP AD-ADN8831ACP Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831 AD-ADN8831_15 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
logo
Linear Technology
LTC1923 LINER-LTC1923_15 Datasheet
452Kb / 28P
   High Efficiency Thermoelectric Cooler Controller
LTC1923 LINER-LTC1923 Datasheet
452Kb / 28P
   High Efficiency Thermoelectric Cooler Controller
logo
Microsemi Corporation
LX1810 MICROSEMI-LX1810 Datasheet
133Kb / 6P
   ThermoElectric Cooler Drive Controller IC
logo
List of Unclassifed Man...
RC6-4 ETC2-RC6-4 Datasheet
475Kb / 2P
   Thermoelectric Cooler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com