Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK210 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SK210
Description  Additional testing can be offered upon request
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SK210 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SK210 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SK210 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SK210 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SK210 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SK210 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Green products
Data Sheet N0155, Rev. A
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SK22 THRU SK210
SK22 THRU SK210 SCHOTTKY RECTIFIER
Features:
Schottky Barrier Chip
Ideally Suited for Automatic Assembly
Low Power Loss, High Efficiency
For Use in Low Voltage Application
Guard ring Die Construction
Plastic Case Material has UL Flammability Classification Rating 94F-0
Green products in compliance the ROHS directive
This is a Pb − Free device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Data:
Case: Low Profile Molded plastic
Terminals: Plated leads solderable per MIL-STD-750, Method 2026 guaranteed
Polarity: Color band or cathode Notch
Mounting Position: Any
Mechanical Dimensions: In mm / Inches
SMB


Similar Part No. - SK210

ManufacturerPart #DatasheetDescription
logo
Surge Components
SK210 SURGE-SK210 Datasheet
84Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes????
logo
Nanjing International G...
SK210 DGNJDZ-SK210 Datasheet
133Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
SK210 MCC-SK210 Datasheet
275Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Shenzhen Yixinwei Techn...
SK210 YIXIN-SK210 Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SK210 DGNJDZ-SK210 Datasheet
97Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SK210

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SD88205 SMC-SD88205 Datasheet
144Kb / 5P
   Additional testing can be offered upon request
406DMQ200 SMC-406DMQ200 Datasheet
156Kb / 4P
   Additional testing can be offered upon request
US1M SMC-US1M Datasheet
133Kb / 5P
   Additional testing can be offered upon request
SF41G SMC-SF41G Datasheet
175Kb / 5P
   Additional testing can be offered upon request
127SPC020 SMC-127SPC020 Datasheet
147Kb / 4P
   Additional testing can be offered upon request
SK2S120 SMC-SK2S120 Datasheet
152Kb / 4P
   Additional testing can be offered upon request
503CNQ SMC-503CNQ Datasheet
117Kb / 4P
   Additional testing can be offered upon request
logo
TEMEX
HSO-14 TEMEX-HSO-14 Datasheet
609Kb / 4P
   Specific request can be addressed to RAKON
LNO-320-B1 TEMEX-LNO-320-B1 Datasheet
417Kb / 3P
   Specific request can be addressed to RAKON
LNO-500-B1 TEMEX-LNO-500-B1 Datasheet
412Kb / 3P
   Specific request can be addressed to RAKON
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com