Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSC022N04LS Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSC022N04LS
Description  OptiMOSTM Power-MOSFET, 40 V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC022N04LS Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSC022N04LS Datasheet HTML 1Page - Infineon Technologies AG BSC022N04LS Datasheet HTML 2Page - Infineon Technologies AG BSC022N04LS Datasheet HTML 3Page - Infineon Technologies AG BSC022N04LS Datasheet HTML 4Page - Infineon Technologies AG BSC022N04LS Datasheet HTML 5Page - Infineon Technologies AG BSC022N04LS Datasheet HTML 6Page - Infineon Technologies AG BSC022N04LS Datasheet HTML 7Page - Infineon Technologies AG BSC022N04LS Datasheet HTML 8Page - Infineon Technologies AG BSC022N04LS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
OptiMOSTMPower-MOSFET,40V
BSC022N04LS
Rev.2.1,2016-05-25
Final Data Sheet
1Maximumratings
atTA=25°C,unlessotherwisespecified
Table2Maximumratings
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Continuous drain current
ID
-
-
-
-
-
-
-
-
-
-
100
85
100
70
25
A
VGS=10V,TC=25°C
VGS=10V,TC=100°C
VGS=4.5V,TC=25°C
VGS=4.5V,TC=100°C
VGS=10V,TA=25°C,RthJA=50K/W1)
Pulsed drain current
2)
ID,pulse
-
-
400
A
TC=25°C
Avalanche current, single pulse
IAS
-
-
50
A
TC=25°C
Avalanche energy, single pulse
3)
EAS
-
-
70
mJ
ID=50A,RGS=25
Gate source voltage
VGS
-20
-
20
V
-
Power dissipation
Ptot
-
-
-
-
69
2.5
W
TC=25°C
TA=25°C,RthJA=50K/W1)
Operating and storage temperature
Tj,Tstg
-55
-
150
°C
IEC climatic category;
DIN IEC 68-1: 55/150/56
2Thermalcharacteristics
Table3Thermalcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Thermal resistance, junction - case,
bottom
RthJC
-
1.1
1.8
K/W
-
Thermal resistance, junction - case,
top
RthJC
-
-
20
K/W
-
Device on PCB,
6 cm
2 cooling area1)
RthJA
-
-
50
K/W
-
1) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
2) See Diagram 3 for more detailed information
3) See Diagram 13 for more detailed information


Similar Part No. - BSC022N04LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC022N04LS6 INFINEON-BSC022N04LS6 Datasheet
1Mb / 12P
   OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.1,2020-05-12
More results

Similar Description - BSC022N04LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ034N04LS INFINEON-BSZ034N04LS Datasheet
1Mb / 11P
   OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2016-06-09
BSC032N04LS INFINEON-BSC032N04LS Datasheet
1Mb / 13P
   OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2016-06-09
IQE013N04LM6 INFINEON-IQE013N04LM6 Datasheet
1Mb / 13P
   OptiMOSTM Power-MOSFET, 40 V
Rev.2.0,2020-07-15
BSC010N04LSI INFINEON-BSC010N04LSI_16 Datasheet
1Mb / 13P
   OptiMOSTM Power-MOSFET, 40 V
Rev.2.2,2016-05-04
BSC010N04LST INFINEON-BSC010N04LST Datasheet
1Mb / 13P
   OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2017-10-30
BSC014N04LST INFINEON-BSC014N04LST Datasheet
1Mb / 13P
   OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2017-10-30
BSC009N04LSSC INFINEON-BSC009N04LSSC Datasheet
1Mb / 11P
   OptiMOSTM Power-MOSFET, 40 V
Rev. 2.1, 2022-10-06
BSC014N04LSI INFINEON-BSC014N04LSI_16 Datasheet
1Mb / 13P
   OptiMOSTM Power-MOSFET, 40 V
Rev.2.2,2016-05-04
BSC014N04LS INFINEON-BSC014N04LS_16 Datasheet
1Mb / 13P
   OptiMOSTM Power-MOSFET, 40 V
Rev.2.4,2016-05-04
BSC019N04LST INFINEON-BSC019N04LST Datasheet
1Mb / 13P
   OptiMOSTM Power-MOSFET, 40 V
Rev.2.3,2020-08-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com