Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPI70R950CE Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPI70R950CE
Description  700V CoolMOS짧 CE Power Transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI70R950CE Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPI70R950CE Datasheet HTML 1Page - Infineon Technologies AG IPI70R950CE Datasheet HTML 2Page - Infineon Technologies AG IPI70R950CE Datasheet HTML 3Page - Infineon Technologies AG IPI70R950CE Datasheet HTML 4Page - Infineon Technologies AG IPI70R950CE Datasheet HTML 5Page - Infineon Technologies AG IPI70R950CE Datasheet HTML 6Page - Infineon Technologies AG IPI70R950CE Datasheet HTML 7Page - Infineon Technologies AG IPI70R950CE Datasheet HTML 8Page - Infineon Technologies AG IPI70R950CE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
IPI70R950CE,IPD70R950CE,IPS70R950CE
Rev.2.0,2016-02-18
Final Data Sheet
tab
I²PAK
tab
1
2
3
DPAK
tab
IPAKSL
Drain
Pin 2, Tab
Gate
Pin 1
Source
Pin 3
MOSFET
700VCoolMOSªCEPowerTransistor
CoolMOS™isarevolutionarytechnologyforhighvoltagepower
MOSFETs,designedaccordingtothesuperjunction(SJ)principleand
pioneeredbyInfineonTechnologies.CoolMOS™CEisa
price-performanceoptimizedplatformenablingtotargetcostsensitive
applicationsinConsumerandLightingmarketsbystillmeetinghighest
efficiencystandards.Thenewseriesprovidesallbenefitsofafast
switchingSuperjunctionMOSFETwhilenotsacrificingeaseofuseand
offeringthebestcostdownperformanceratioavailableonthemarket.
Features
•ExtremelylowlossesduetoverylowFOMRdson*QgandEoss
•Veryhighcommutationruggedness
•Easytouse/drive
•Pb-freeplating,Halogenfreemoldcompound
•Qualifiedforstandardgradeapplications
Applications
Adapter,LCD&PDPTVandIndoorlighting
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS @ Tj,max
750
V
RDS(on),max
950
m
Qg.typ
15.3
nC
Id.typ
7.4
A
ID,pulse
12
A
Eoss@400V
1.5
µJ
Type/OrderingCode
Package
Marking
RelatedLinks
IPI70R950CE
PG-TO 262
IPD70R950CE
PG-TO 252
IPS70R950CE
PG-TO 251
70S950CE
see Appendix A


Similar Part No. - IPI70R950CE

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPI70R950CE ISC-IPI70R950CE Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPI70R950CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPAW70R600CE INFINEON-IPAW70R600CE Datasheet
1,000Kb / 14P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-09-27
IPSA70R950CE INFINEON-IPSA70R950CE Datasheet
894Kb / 14P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-09-07
IPAW70R950CE INFINEON-IPAW70R950CE Datasheet
955Kb / 14P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-09-27
IPN70R1K5CE INFINEON-IPN70R1K5CE Datasheet
1Mb / 13P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-04-29
IPSA70R600CE INFINEON-IPSA70R600CE Datasheet
1Mb / 14P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-09-07
IPN70R1K0CE INFINEON-IPN70R1K0CE Datasheet
1Mb / 13P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-10-10
IPD70R600CE INFINEON-IPD70R600CE Datasheet
988Kb / 14P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-16
IPSA70R1K4CE INFINEON-IPSA70R1K4CE Datasheet
1Mb / 14P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-09-07
IPS70R600CE INFINEON-IPS70R600CE Datasheet
1Mb / 14P
   700V CoolMOS짧 CE Power Transistor
2016-03-31
IPD70R1K4CE INFINEON-IPD70R1K4CE Datasheet
1Mb / 15P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com