Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTE-S3201-ZB-L Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTE-S3201-ZB-L
Description  IR Emitter and Detector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTE-S3201-ZB-L Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTE-S3201-ZB-L Datasheet HTML 1Page - Lite-On Technology Corporation LTE-S3201-ZB-L Datasheet HTML 2Page - Lite-On Technology Corporation LTE-S3201-ZB-L Datasheet HTML 3Page - Lite-On Technology Corporation LTE-S3201-ZB-L Datasheet HTML 4Page - Lite-On Technology Corporation LTE-S3201-ZB-L Datasheet HTML 5Page - Lite-On Technology Corporation LTE-S3201-ZB-L Datasheet HTML 6Page - Lite-On Technology Corporation LTE-S3201-ZB-L Datasheet HTML 7Page - Lite-On Technology Corporation LTE-S3201-ZB-L Datasheet HTML 8Page - Lite-On Technology Corporation LTE-S3201-ZB-L Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LITE-ON TECHNOLOGY CORPORATION.
P r o p e r t y o f L i t e - O n O n l y
TYPICAL ELECTRICAL / OPTICAL CHARACTERISTICS CURVES
(25℃ Ambient Temperature Unless Otherwise Noted)
50
40
30
20
10
0
0 .5
1 .0
1040
940
840
60
50
40
30
20
W a v e le n g th (n m )
F IG .1 S P E C T R A L D IS T R IB U T IO N
0
A M B IE N T T E M P E R A T U R E
F IG .2 F O R W A R D C U R R E N T V S .
A m b ie n t T e m p e ra tu re T a ( C )
o
100
-4 0
0
-2 0
20
60
40
80
A m b ie n t T e m p e ra tu re T a ( C )
V S . A M B IE N T T E M P E R A T U R E
F IG .4 R E L A T IV E R A D IA N T IN T E N S IT Y
-2 0
0 .6
0 .2
0
0 .4
0 .8
1 .0
1 .2
60
40
20
0
o
80
0
1 .6
F O R W A R D V O L T A G E
F IG .3 F O R W A R D C U R R E N T V S .
F o rw a rd V o lta g e (V )
1 .2
0
2 .8
2 .4
2 .0
1 .0
2 .0
0
3 .0
4 .0
5 .0
40
V S . F O R W A R D C U R R E N T
F IG .5 R E L A T IV E R A D IA N T IN T E N S IT Y
F o w a rd C u rre n t (m A )
20
0
80
60
100
F IG .6 R A D IA T IO N D IA G R A M
Part No. : LTE-S3201-ZB-L DATA SHEET
Page :
4
of
8
BNS-OD-C131/A4 REV.-Sep 2013


Similar Part No. - LTE-S3201-ZB-L

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTE-S3201 LITEON-LTE-S3201 Datasheet
615Kb / 9P
   IR Emitter and Detector
More results

Similar Description - LTE-S3201-ZB-L

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LRE-S9711-J LITEON-LRE-S9711-J Datasheet
480Kb / 8P
   IR Emitter and Detector
LTE-C216-P-W LITEON-LTE-C216-P-W Datasheet
614Kb / 8P
   IR Emitter and Detector
LTE-S9511T-E LITEON-LTE-S9511T-E Datasheet
519Kb / 7P
   IR Emitter and Detector
LTE-C9511-E LITEON-LTE-C9511-E Datasheet
517Kb / 7P
   IR Emitter and Detector
LTE-R38381-STR LITEON-LTE-R38381-STR Datasheet
573Kb / 8P
   IR Emitter and Detector
LTE-R38386L-S LITEON-LTE-R38386L-S Datasheet
576Kb / 8P
   IR Emitter and Detector
LTE-S3201 LITEON-LTE-S3201 Datasheet
615Kb / 9P
   IR Emitter and Detector
LTR-209 LITEON-LTR-209 Datasheet
284Kb / 4P
   IR Emitter and Detector
LTR-516AB LITEON-LTR-516AB Datasheet
282Kb / 5P
   IR Emitter and Detector
LTR-526AD LITEON-LTR-526AD Datasheet
279Kb / 5P
   IR Emitter and Detector
LTR-5888DHP1 LITEON-LTR-5888DHP1 Datasheet
304Kb / 5P
   IR Emitter and Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com