Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IM890 Datasheet(PDF) 9 Page - MMD Components

Part # IM890
Description  MEMS Ultra-Low Power Oscillator, 32.768 kHz Quartz XTAL Replacement
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM890 Datasheet(HTML) 9 Page - MMD Components

Back Button IM890 Datasheet HTML 2Page - MMD Components IM890 Datasheet HTML 3Page - MMD Components IM890 Datasheet HTML 4Page - MMD Components IM890 Datasheet HTML 5Page - MMD Components IM890 Datasheet HTML 6Page - MMD Components IM890 Datasheet HTML 7Page - MMD Components IM890 Datasheet HTML 8Page - MMD Components IM890 Datasheet HTML 9Page - MMD Components IM890 Datasheet HTML 10Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MEMS Ultra-Low Power Oscillator, 32.768 kHz Quartz XTAL Replacement
IM890 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 05/17/16_B
Page 9 of 10
Page 9 of 10
Typical Operating Curves (cont.)
Power Supply Noise Rejection
(± 150 mV Noise)
NanoDrive
TM Output Waveform
LVCMOS Output Waveform
Voh = 1.1V, Vol = 0.4V; IM890-ID14-32.768
Vswing = 1.8V:
IM890-IDCC-32.768
Tape and Reel Dimensions
COUNT
REEL DIA
TAPE WIDTH
PITCH
PITCH
DIRECTION OF FEED
REEL DIA
TAPE
WIDTH
180
REF: EIA-481-E
UNITS IN mm
3000
4.00
8.00


Similar Part No. - IM890

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
IM890 ILSI-IM890 Datasheet
1Mb / 10P
   Pb-free, RoHS and REACH compliant
More results

Similar Description - IM890

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT1533 SITIME-SIT1533 Datasheet
895Kb / 13P
   20 ppm, Ultra-Low Power 32.768 kHz Quartz XTAL Replacement
SIT1532 SITIME-SIT1532 Datasheet
773Kb / 12P
   Smallest Footprint (1.2mm2) CSP 10 ppm Ultra-Low Power 32.768 kHz XTAL Replacement
SIT1630 SITIME-SIT1630 Datasheet
792Kb / 9P
   Ultra-Low Power, Ultra-Small 32.768 kHz or 16.384 kHz Oscillator
logo
MICORO CRYSTAL SWITZERL...
OV-7604-C7 MICROCRYSTAL-OV-7604-C7_17 Datasheet
1,007Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8 Datasheet
311Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
logo
EM Microelectronic - MA...
EM1564 EMMICRO-EM1564 Datasheet
209Kb / 4P
   Low Power Crystal Oscillator 32.768 kHz
logo
MICORO CRYSTAL SWITZERL...
OM-7604-C7 MICROCRYSTAL-OM-7604-C7_17 Datasheet
977Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7605-C9 MICROCRYSTAL-OM-7605-C9 Datasheet
1Mb / 2P
   Low Power Clock Oscillator 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8_17 Datasheet
978Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7605-C8 MICROCRYSTAL-OM-7605-C8 Datasheet
384Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com