Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IM830B Datasheet(PDF) 7 Page - MMD Components

Part # IM830B
Description  MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM830B Datasheet(HTML) 7 Page - MMD Components

  IM830B Datasheet HTML 1Page - MMD Components IM830B Datasheet HTML 2Page - MMD Components IM830B Datasheet HTML 3Page - MMD Components IM830B Datasheet HTML 4Page - MMD Components IM830B Datasheet HTML 5Page - MMD Components IM830B Datasheet HTML 6Page - MMD Components IM830B Datasheet HTML 7Page - MMD Components IM830B Datasheet HTML 8Page - MMD Components IM830B Datasheet HTML 9Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MEMS Oscillator, -55°C to +125°C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
IM830 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 01/30/16_A
Page 7 of 9
Selectable Drive Strength Options
Rise/Fall Time (20% to 80%) vs CLOAD Tables
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
45 pF
60 pf
L
6.16
11.61
22.00
31.27
39.91
A
3.19
6.35
11.00
16.01
21.52
R
2.11
4.31
7.65
10.77
14.47
B
1.65
3.23
5.79
8.18
11.08
T
0.93
1.91
3.32
4.66
6.48
E
0.78
1.66
2.94
4.09
5.74
U
0.70
1.48
2.64
3.68
5.09
- = Default
0.65
1.30
2.40
3.35
4.56
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
45 pF
60 pf
L
4.13
8.25
12.82
21.45
27.79
A
2.11
4.27
7.64
11.20
14.49
R
1.45
2.81
5.16
7.65
9.88
B
1.09
2.20
3.88
5.86
7.57
T
0.62
1.28
2.27
3.51
4.45
- = Default
0.54
1.00
2.01
3.10
4.01
U
0.43
0.96
1.81
2.79
3.65
F
0.34
0.88
1.64
2.54
3.32
Table 2: Vdd = +1.8 V Rise/Fall time for Specific CLOAD
Table 3: Vdd = +2.5 V Rise/Fall time for Specific CLOAD
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
45 pF
60 pf
L
3.77
7.54
12.28
19.57
25.27
A
1.94
3.90
7.03
10.24
13.34
R
1.29
2.57
4.72
7.01
9.06
B
0.97
2.00
3.54
5.43
6.93
T
0.55
1.12
2.08
3.22
4.08
- = Default
0.44
1.00
1.83
2.82
3.67
U
0.34
0.88
1.64
2.52
3.30
F
0.29
0.81
1.48
2.29
2.99
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
45 pF
60 pf
L
3.60
7.21
11.97
18.74
24.30
A
1.84
3.71
6.72
9.86
12.68
R
1.22
2.46
4.54
6.76
8.62
B
0.89
1.92
3.39
5.20
6.64
- = Default
0.51
1.00
1.97
3.07
3.90
E
0.38
0.92
1.72
2.71
3.51
U
0.30
0.83
1.55
2.40
3.13
F
0.27
0.76
1.39
2.16
2.85
Table 4: Vdd = +2.8 V Rise/Fall time for Specific CLOAD
Table 5: Vdd= +3.0 V Rise/Fall time for Specific CLOAD
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
45 pF
60 pf
L
3.39
6.88
11.63
17.56
23.59
A
1.74
3.50
6.38
8.98
12.19
R
1.16
2.33
4.29
6.04
8.34
B
0.81
1.82
3.22
4.52
6.33
- = Default
0.46
1.00
1.86
2.60
3.84
E
0.33
0.87
1.64
2.30
3.35
U
0.28
0.79
1.46
2.05
2.93
F
0.25
0.72
1.31
1.83
2.61
Table 6: Vdd = +3.3 V Rise/Fall time for Specific CLOAD


Similar Part No. - IM830B

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
IM830B ILSI-IM830B Datasheet
734Kb / 9P
   Pb-free, RoHS and REACH compliant
More results

Similar Description - IM830B

ManufacturerPart #DatasheetDescription
logo
MMD Components
IM831B MMD-IM831B Datasheet
644Kb / 9P
   MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 119.342001 MHz to 137.000MHz
IM801B MMD-IM801B Datasheet
623Kb / 9P
   MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000 MHz
IM810B MMD-IM810B Datasheet
521Kb / 8P
   MEMS Oscillator, Ultra Performance, LVCMOS/HCMOS Compatible, 1.00 MHz to 80.00 MHz
IM802B MMD-IM802B Datasheet
781Kb / 9P
   MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 115.000 MHz to 137.000 MHz
IM811B MMD-IM811B Datasheet
540Kb / 7P
   MEMS Oscillator, Ultra Performance, High Freq., LVCMOS/ HCMOS Compatible, 80.0 MHz to 220.0MHz
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
MMD Components
IM840B MMD-IM840B Datasheet
414Kb / 7P
   Mems Oscillator, High Performance Differential Oscillator, LVPECL and LVDS 1.000 MHz to 220.000MHz
logo
Dielectric Laboratories...
B148QF0S DILABS-B148QF0S Datasheet
370Kb / 3P
   Frequency Stable over Temperature -55째C to 125째C
logo
Amphenol Corporation
AT06-12SA AMPHENOL-AT06-12SA Datasheet
809Kb / 2P
   CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
logo
Interpoint Corporation ...
SMHF282R5S INTERPOINT-SMHF282R5S Datasheet
591Kb / 15P
   Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com