Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IM802E Datasheet(PDF) 4 Page - MMD Components

Part # IM802E
Description  MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 115.000 MHz to 137.000 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM802E Datasheet(HTML) 4 Page - MMD Components

  IM802E Datasheet HTML 1Page - MMD Components IM802E Datasheet HTML 2Page - MMD Components IM802E Datasheet HTML 3Page - MMD Components IM802E Datasheet HTML 4Page - MMD Components IM802E Datasheet HTML 5Page - MMD Components IM802E Datasheet HTML 6Page - MMD Components IM802E Datasheet HTML 7Page - MMD Components IM802E Datasheet HTML 8Page - MMD Components IM802E Datasheet HTML 9Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 115.000 MHz to 137.000 MHz
IM802 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev: 01/30/16_A
Page 4 of 9
Performance Plots (Cont.)
Figure 7: RMS Integrated Phase Jitter Random
(12 kHz to 20 MHz vs Frequency)
Figure 8: RMS Integrated Phase Jitter Random
(900 kHz to 20 MHz vs Frequency
Notes:
All plots are measured with 15pF load at room temperature unless otherwise stated.
Phase noise plots are measured with Agilent E5052B signal source analyzer integration range is up to 5 MHz for carrier frequencies below 40 MHz
Environmental Specifications:
Environmental Compliance
Parameter
Condition/Test Method
Mechanical Shock
MIL-STD-883F, Method 2002
Mechanical Vibration
MIL-STD-883F, Method 2007
Temperature Cycle
JESD22, Method A104
Solderability
MIL-STD-883F, Method 2003
Moisture Sensitivity Level
MSL Level 1 at +260ºC
Pb Free Solder Reflow Profile
Ts max to TL (Ramp-up Rate)
3ºC / second max
Preheat
Temperature min (Ts min)
Temperature typ (Ts typ)
Temperature max (Ts max)
Time (Ts)
150ºC
175ºC
200ºC
60 to180 seconds
Ramp-up Tate (TL to Tp
3ºC / second max
Time Maintained Above
Temperature (TL)
Time (TL)
217ºC
60 to 150 seconds
Peak Temperature (Tp)
260ºC max for seconds
Time within 5ºC to Peak
Temperature (Tp)
20 to 40 seconds
Ramp-down Rate
6ºC / second max
Tune 25ºC to Peak Temperature
8 minute max
Moisture Sensitivity Level (MSL)
Level 1
Units are backward compatible with +240ºC reflow processes


Similar Part No. - IM802E

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
IM802E ILSI-IM802E Datasheet
781Kb / 9P
   Direct pin to pin drop-in replacement for industry-standard packages
More results

Similar Description - IM802E

ManufacturerPart #DatasheetDescription
logo
MMD Components
IM801B MMD-IM801B Datasheet
623Kb / 9P
   MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000 MHz
IM810B MMD-IM810B Datasheet
521Kb / 8P
   MEMS Oscillator, Ultra Performance, LVCMOS/HCMOS Compatible, 1.00 MHz to 80.00 MHz
IM830B MMD-IM830B Datasheet
734Kb / 9P
   MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
IM831B MMD-IM831B Datasheet
644Kb / 9P
   MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 119.342001 MHz to 137.000MHz
IM811B MMD-IM811B Datasheet
540Kb / 7P
   MEMS Oscillator, Ultra Performance, High Freq., LVCMOS/ HCMOS Compatible, 80.0 MHz to 220.0MHz
logo
SiTime Corp.
SIT3809 SITIME-SIT3809 Datasheet
527Kb / 14P
   80 MHz to 220 MHz MEMS VCXO
logo
EUROQUARTZ limited
EM39T EUROQUARTZ-EM39T Datasheet
125Kb / 1P
   HCMOS, 14 pin DIL compatible, MHz Range
EM39GT EUROQUARTZ-EM39GT Datasheet
130Kb / 1P
   HCMOS, 14 pin DIL compatible, MHz Range
EM38T33-32.768K-2.5 EUROQUARTZ-EM38T33-32.768K-2.5 Datasheet
341Kb / 1P
   HCMOS, 14 pin DIL compatible, MHz Range
EM38GT EUROQUARTZ-EM38GT Datasheet
346Kb / 1P
   HCMOS, 14 pin DIL compatible, MHz Range
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com