Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ7908 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ7908
Description  Three-terminal negative voltage regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ7908 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ7908 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ7908 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ7908 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Co
1μF
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-252-2L Plastic-Encapsulate Voltage Regulators
CJ7908 Three-terminal negative voltage regulator
FEATURES
Maximum output current IOM: 1.5 A
Output voltage Vo: - 8 V
Continuous total dissipation
PD: 1.25W (Ta = 25
℃)
12.5 W (TC= 25
℃)
ABSOLUTE MAXIMUM RATINGS(Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unit
Input Voltage
Vi
-35
V
Thermal
Resistance from Junction to Ambient
RθJA
100
℃/W
Thermal
Resistance from Junction to Case
RθJC
10
℃/W
Operating Junction Temperature Range
TOPR
0
~+150
Storage Temperature Range
TSTG
-
55~+150
ELECTRICAL CHARACTERISTICS AT SPECIFIED VIRTUAL JINCTION TEMPERATURE(Vi=-14V,Io=500mA,Ci=2.2μF, Co=1μF, unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
25
-7.7
-8
-8.3
V
Output
Voltage
Vo
-10.5V≤Vi≤-23V,Io=5mA-1A,
P≤15W
0-125
-7.6
-8
-8.4
V
Io=5mA-1.5A
25
15
160
mV
Load Regulation
∆Vo
Io=250mA-750mA
25
5
80
mV
-10.5V≤Vi≤-25V
25
12.5
160
mV
Line
Regulation
∆Vo
-11V≤Vi≤-17V
25
4
80
mV
Quiescent Current
Iq
25
1.5
2
mA
∆Iq
-10.5V≤Vi≤-25V
0-125
1
mA
Quiescent Current Change
∆Iq
5mA≤IO≤1A
0-125
0.5
mA
Output Noise Voltage
VN
10Hz≤f≤100KHz
25
200
μV
Output
Voltage drift
Vo/
△△T
IO=5mA
0-125
-0.6
mV/
Ripple Rejection
RR
-11.5V≤Vi≤-21.5V,f=120Hz
0-125
54
60
dB
Dropout Voltage
Vd
Io=1A
25
1.1
V
Peak Current
Ipk
25
2.1
A
TYPICAL APPLICATION
Vi
2
3
Vo
UTC
Ci
2.2μF
CJ7908
TO-252-2L
1 GND
2. IN
3. OUT
www.cj-elec.com
1
C,Mar,2016


Similar Part No. - CJ7908

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ7908 JIANGSU-CJ7908 Datasheet
44Kb / 1P
   Three-terminal positive voltage regulator
CJ7908-TO-220 JIANGSU-CJ7908-TO-220 Datasheet
44Kb / 1P
   Three-terminal positive voltage regulator
logo
ZP Semiconductor
CJ7908-TO220-3L ZPSEMI-CJ7908-TO220-3L Datasheet
661Kb / 1P
   TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7908-TO252-2L ZPSEMI-CJ7908-TO252-2L Datasheet
641Kb / 1P
   TO-252-2L Plastic-Encapsulate Voltage Regulators
logo
Jiangsu Changjiang Elec...
CJ7908F JIANGSU-CJ7908F Datasheet
106Kb / 1P
   Three-terminal negative voltage regulator
More results

Similar Description - CJ7908

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
LM79L12 HTSEMI-LM79L12 Datasheet
988Kb / 2P
   Three-terminal negative voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L08 WINNERJOIN-WEJ78L08_15 Datasheet
143Kb / 1P
   Three-terminal negative voltage regulator
WEJ79L09 WINNERJOIN-WEJ79L09 Datasheet
128Kb / 1P
   Three-terminal negative voltage regulator
logo
Jiangsu Changjiang Elec...
CJ7915F JIANGSU-CJ7915F Datasheet
1Mb / 2P
   Three-terminal negative voltage regulator
CJ7912 JIANGSU-CJ7912 Datasheet
788Kb / 3P
   Three-terminal negative voltage regulator
CJ79L05-SOT-23-3L JIANGSU-CJ79L05-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
CJ79L09-SOT-23-3L JIANGSU-CJ79L09-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
LM79L15 KEXIN-LM79L15 Datasheet
64Kb / 1P
   Three-terminal Negative Voltage Regulator
logo
Jiangsu Changjiang Elec...
CJ79L09 JIANGSU-CJ79L09 Datasheet
3Mb / 4P
   Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
KA090Q05 KEXIN-KA090Q05 Datasheet
175Kb / 1P
   Three-Terminal Negative Voltage Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com