Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ431K Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ431K
Description  Adjustable Accurate Reference Source
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ431K Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ431K Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ431K Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ431K Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ431K Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ431K Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ431K Datasheet HTML 6Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
-2
-1
0
1
2
3
-100
-50
0
50
100
150
-40
-20
0
2040
6080
100
2350
2400
2450
2500
2550
2600
-1
01
23
-200
0
200
400
600
800
V
KA=Vref
T
a=25
Cathode Current versus
Cathode Voltage
V
KA, CATHODE VOLTAGE
(V)
V
KA=Vref
I
K=10mA
Reference Input Voltage versus
Ambient Temperature
T
a, AMBIENT TEMPERATURE
( )
V
KA=Vref
T
a=25
Cathode Current versus
Cathode Voltage
V
KA, CATHODE VOLTAGE
(V)
I
KA(min)
KA
KA
ref
Test Circuit for VKA=Vref
Typical Characteristics
www.cj-elec.com
3
J,Aug,2015


Similar Part No. - CJ431K

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CJ431K-HF COMCHIP-CJ431K-HF Datasheet
180Kb / 6P
   Encapsulate Adjustable Reference Source
logo
ZP Semiconductor
CJ431K-SOT23 ZPSEMI-CJ431K-SOT23 Datasheet
834Kb / 2P
   SOT-23 Encapsulate Adjustable Reference Source
CJ431K-TO92 ZPSEMI-CJ431K-TO92 Datasheet
606Kb / 1P
   TO-92 Encapsulate Adjustable Reference Source
More results

Similar Description - CJ431K

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
TL431-HF-89 KEXIN-TL431-HF-89 Datasheet
992Kb / 2P
   Adjustable Accurate Reference Source
TL431K-3 KEXIN-TL431K-3 Datasheet
1Mb / 3P
   Adjustable Accurate Reference Source
TL431K-89 KEXIN-TL431K-89 Datasheet
1Mb / 3P
   Adjustable Accurate Reference Source
logo
Shenzhen Luguang Electr...
431 LUGUANG-431 Datasheet
795Kb / 2P
   Adjustable Accurate Reference Source
logo
Guangdong Kexin Industr...
TL431-89 KEXIN-TL431-89 Datasheet
915Kb / 2P
   Adjustable Accurate Reference Source
TL431K KEXIN-TL431K Datasheet
1Mb / 3P
   Adjustable Accurate Reference Source
logo
Jiangsu Changjiang Elec...
CK431K JIANGSU-CK431K Datasheet
1Mb / 5P
   Adjustable Accurate Reference Source
logo
Guangdong Kexin Industr...
TL431 KEXIN-TL431 Datasheet
54Kb / 2P
   Adjustable Accurate Reference Source
logo
DONGGUAN YOU FENG WEI E...
TL431 YFWDIODE-TL431 Datasheet
424Kb / 3P
   Adjustable Accurate Reference Source
logo
List of Unclassifed Man...
CJ431 ETC-CJ431 Datasheet
1Mb / 2P
   ADJUSTABLE ACCURATE REFERENCE SOURCE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com