Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ431K Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ431K
Description  Adjustable Accurate Reference Source
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ431K Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ431K Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ431K Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ431K Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ431K Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ431K Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ431K Datasheet HTML 6Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IK
Vref
VKA
Input
Figure 1. Test Circuit for VKA = Vref
Input
IK
R2
Iref
Vref
VKA
R1
Figure 2. Test Circuit for VKA > Vref
V
KA +
V
ref
1
) R1
R2
) I
ref S
R1
Ioff
Input
VKA
Figure 3. Test Circuit for Ioff
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Reference lnput Voltage (Fig.1)
Vref
VKA=VREF, IKA=10mA
2.4
70
2.5
20
V
Deviation of
Reference Input Voltage
Over
Temperature (note) (Fig.1)
V
ref /T
VKA =VREF, IKA =10mA
Tmin≤Ta≤Tmax
4.5
17
mV
V
KA
=10V~VREF
-1.0
-2.7
mV/V
Ratio Of Change in Reference lnput
Voltage to the
Change in Cathode
Voltage (Fig.2)
V
ref /V
KA
IKA=10mA
VKA
=36V~ 10V
-0.5
-2.0
mV/V
Reference lnput Current (Fig.2)
lref
IKA= 10mA,R1=10
kΩ
R2=∞
1.5
4
μA
Deviation Of Reference lnput Current
Over Full Temperature Range (Fig.2)
l
ref /T
lKA=10mA, R1=10
kΩ
R2=∞
0.4
1.2
μA
Minimum
Cathode Current for
Regulation (Fig.1)
IKA(min)
VKA=VREF
0.45
1.0
mA
Off-state
Cathode Current (Fig.3)
IKA(OFF)
VKA=40V,VREF=0
0.05
0.5
μA
Dynamic lmpedance
ZKA
VKA=VREF, lKA=1 to 100mA
f≤1.0
kHz
0.15
0.5
Note: TMIN=-25
℃ ,TMAX=+125℃
CLASSIFICATION
Vref
Rank
0.5%
1%
Range
2.48
2-2.508
2.47-2.52
TA=-25 to
125℃
www.cj-elec.com
2
J,Aug,2015


Similar Part No. - CJ431K

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CJ431K-HF COMCHIP-CJ431K-HF Datasheet
180Kb / 6P
   Encapsulate Adjustable Reference Source
logo
ZP Semiconductor
CJ431K-SOT23 ZPSEMI-CJ431K-SOT23 Datasheet
834Kb / 2P
   SOT-23 Encapsulate Adjustable Reference Source
CJ431K-TO92 ZPSEMI-CJ431K-TO92 Datasheet
606Kb / 1P
   TO-92 Encapsulate Adjustable Reference Source
More results

Similar Description - CJ431K

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
TL431-HF-89 KEXIN-TL431-HF-89 Datasheet
992Kb / 2P
   Adjustable Accurate Reference Source
TL431K-3 KEXIN-TL431K-3 Datasheet
1Mb / 3P
   Adjustable Accurate Reference Source
TL431K-89 KEXIN-TL431K-89 Datasheet
1Mb / 3P
   Adjustable Accurate Reference Source
logo
Shenzhen Luguang Electr...
431 LUGUANG-431 Datasheet
795Kb / 2P
   Adjustable Accurate Reference Source
logo
Guangdong Kexin Industr...
TL431-89 KEXIN-TL431-89 Datasheet
915Kb / 2P
   Adjustable Accurate Reference Source
TL431K KEXIN-TL431K Datasheet
1Mb / 3P
   Adjustable Accurate Reference Source
logo
Jiangsu Changjiang Elec...
CK431K JIANGSU-CK431K Datasheet
1Mb / 5P
   Adjustable Accurate Reference Source
logo
Guangdong Kexin Industr...
TL431 KEXIN-TL431 Datasheet
54Kb / 2P
   Adjustable Accurate Reference Source
logo
DONGGUAN YOU FENG WEI E...
TL431 YFWDIODE-TL431 Datasheet
424Kb / 3P
   Adjustable Accurate Reference Source
logo
List of Unclassifed Man...
CJ431 ETC-CJ431 Datasheet
1Mb / 2P
   ADJUSTABLE ACCURATE REFERENCE SOURCE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com