Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WWTOP48-BK Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # WWTOP48-BK
Description  WorkWise Standing Desk Top, 48 x 30 in., Black
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

WWTOP48-BK Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  WWTOP48-BK Datasheet HTML 1Page - Tripp Lite. All Rights Reserved WWTOP48-BK Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Standing Desk Top Size (in.)
48 x 30
Standing Desk Top Style
Straight
Shipping Dimensions (hwd / in.)
3.88 x 51.25 x 34.25
Shipping Dimensions (hwd / cm)
9.86 x 130.18 x 87
Shipping Weight (lbs.)
30
Shipping Weight (kg)
13.61
Unit Dimensions (hwd / in.)
0.75 x 48 x 30
Unit Dimensions (hwd / cm)
1.91 x 121.92 x 76.2
Unit Weight (lbs.)
25
Unit Weight (kg)
11.34
Material of Construction
Powder Coated MDF
Color
Black
CERTIFICATIONS
Approvals
Carb Phase 2 Compliant; VOC-free Powder Coat
WARRANTY
Product Warranty Period (Worldwide)
5-year limited warranty
© 2016 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2


Similar Part No. - WWTOP48-BK

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
WWTOP48-ES TRIPPLITE-WWTOP48-ES Datasheet
491Kb / 2P
   WorkWise Standing Desk Top, 48 x 30 in., Espresso
More results

Similar Description - WWTOP48-BK

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
WWTOP48-ES TRIPPLITE-WWTOP48-ES Datasheet
491Kb / 2P
   WorkWise Standing Desk Top, 48 x 30 in., Espresso
WWTOP72-BK TRIPPLITE-WWTOP72-BK Datasheet
484Kb / 2P
   WorkWise Standing Desk Top, 72 x 30 in., Black
WWTOP60-BKC TRIPPLITE-WWTOP60-BKC Datasheet
484Kb / 2P
   WorkWise Standing Desk Top, 60 x 30 in., Black, Contoured
WWTOP72-ES TRIPPLITE-WWTOP72-ES Datasheet
490Kb / 2P
   WorkWise Standing Desk Top, 72 x 30 in., Espresso
WWTOP60-ESC TRIPPLITE-WWTOP60-ESC Datasheet
490Kb / 2P
   WorkWise Standing Desk Top, 60 x 30 in., Espresso, Contoured
WWTOP60-WHC TRIPPLITE-WWTOP60-WHC Datasheet
479Kb / 2P
   WorkWise Standing Desk Top, 60 x 30 in., White,Contoured
WWSSDC TRIPPLITE-WWSSDC Datasheet
552Kb / 2P
   WorkWise Standing Desk-Clamp Workstation
WWBASE-BK TRIPPLITE-WWBASE-BK Datasheet
497Kb / 3P
   WorkWise Standing Desk Base, Electric Adjustable-Height, Black
WWSS1327CP TRIPPLITE-WWSS1327CP Datasheet
551Kb / 3P
   WorkWise Standing Desk-Clamp Workstation, Single-Monitor
WWBASE-GY TRIPPLITE-WWBASE-GY Datasheet
496Kb / 3P
   WorkWise Standing Desk Base, Electric Adjustable-Height, Gray
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com