Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSAV430MTC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSAV430MTC
Description  Low Voltage Ultra Low Power High Bandwidth (1.1GHz) Quad SPDT Video Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAV430MTC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSAV430MTC Datasheet HTML 1Page - Fairchild Semiconductor FSAV430MTC Datasheet HTML 2Page - Fairchild Semiconductor FSAV430MTC Datasheet HTML 3Page - Fairchild Semiconductor FSAV430MTC Datasheet HTML 4Page - Fairchild Semiconductor FSAV430MTC Datasheet HTML 5Page - Fairchild Semiconductor FSAV430MTC Datasheet HTML 6Page - Fairchild Semiconductor FSAV430MTC Datasheet HTML 7Page - Fairchild Semiconductor FSAV430MTC Datasheet HTML 8Page - Fairchild Semiconductor FSAV430MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
FIGURE 2. Differential Gain vs. dc bias
FIGURE 3. Differential Phase vs. dc bias
FIGURE 4. OFF Isolation
FIGURE 5. OFF Crosstalk vs. Frequency


Similar Part No. - FSAV430MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV430MTC FAIRCHILD-FSAV430MTC Datasheet
544Kb / 12P
   Low Voltage 1.1GHz 4 Channel 2:1 Video Switch
logo
ON Semiconductor
FSAV430MTCX ONSEMI-FSAV430MTCX Datasheet
909Kb / 12P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
January 2011 Rev. 1.02
logo
Fairchild Semiconductor
FSAV430MTCX FAIRCHILD-FSAV430MTCX_11 Datasheet
899Kb / 10P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
More results

Similar Description - FSAV430MTC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3692 STMICROELECTRONICS-STG3692 Datasheet
313Kb / 18P
   Low voltage high bandwidth quad SPDT switch
STG3693 STMICROELECTRONICS-STG3693_1 Datasheet
295Kb / 18P
   Low voltage high bandwidth Quad SPDT switch
STG3693 STMICROELECTRONICS-STG3693 Datasheet
309Kb / 17P
   Low voltage high bandwidth Quad SPDT switch
logo
Savitech Corp.
SV7330SE SAVITECH-SV7330SE Datasheet
750Kb / 20P
   8KV ESD, Low Ron, Ultra-Wide Bandwidth, Low Power, Quad SPDT Video Switch
SV7330E SAVITECH-SV7330E Datasheet
750Kb / 20P
   8KV ESD, Low Ron, Wide Bandwidth, Low Power, Quad SPDT Video Switch
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
   Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
logo
Fairchild Semiconductor
FSAV430 FAIRCHILD-FSAV430_05 Datasheet
544Kb / 12P
   Low Voltage 1.1GHz 4 Channel 2:1 Video Switch
logo
STMicroelectronics
STG3682 STMICROELECTRONICS-STG3682 Datasheet
303Kb / 19P
   Low voltage high bandwidth dual SPDT switch
STG3220 STMICROELECTRONICS-STG3220 Datasheet
497Kb / 23P
   Low voltage high bandwidth dual SPDT switch
May 2009 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com