Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBP210 Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # GBP210
Description  SINGLE PHASE2.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

GBP210 Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  GBP210 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd GBP210 Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 53 -
GBP2005 THRU GBP210
SINGLE PHASE2.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
FEATURE
.
UL Listed Under Recognized Component Index,
File Number E338195
.
Glass passivated chip junctions
.
High case dielectric stength
.
Low Reverse Leakage Current
.
High surge current capability
.
Ideal for Printed Circuit Board Applications
MECHANICAL DATA
.
Case: GBP
.
Case Material: Molded Plastic.
UL Flammability Classification Rating 94V-0
.
Terminals: Pure tin plated, Lead free.
Leads solderable per MIL-STD-750, Method 2026.
.
Polarity: Marked on body
.
Weight: 1.5 grams
.
Mounting position: Any
GBP
.160(4.1)
.140(3.5)
SPACING
.110(2.8)
45°
Chamfer
.026(0.67)
.057(1.45)
.046(1.17)
.580(14.75)
.561(14.25)
.016(0.4)
.043(1.1)
.035(0.9)
.126(3.2)
.134(3.4)
.425(10.8)
.394(10.0)
.034(0.86)
.236(6.0)
.276(7.0)
.024(0.6)
.091(2.3)
.106(2.7)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
SYM
BOL
GBP
2005
GBP
201
GBP
202
GBP
204
GBP
206
GBP
208
GBP
210
units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward (with heatsink Note2)
Rectified Current @ TC=100°C(without heatsink)
IF(AV)
2.0
1.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method)
IFSM
60
A
Maximum Forward Voltage
@ 2.0A DC
Drop per element
@ 1.0A DC
VF
1.1
1.0
V
Maximum DC Reverse Current
@TJ =25°C
at rated DC blocking voltage
@TJ =125°C
IR
5.0
500.0
μA
I2t Rating for Fusing (t﹤8.3ms)
I2t
14.9
A2Sec
Typical Junction Capacitance (Note 1)
CJ
25
pF
Typical Thermal Resistance (Note 2)
R(JC)
3.0
°C/W
Storage Temperature
TSTG
-55 to +150
°C
Operating Junction Temperature
TJ
-55 to +150
°C
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
2.Device mounted on 50mm x 50mm x 1.6mm Cu Plate Heatsink.


Similar Part No. - GBP210

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBP210 WTE-GBP210 Datasheet
59Kb / 4P
   2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Dongguan City Niuhang E...
GBP210 NIUHANG-GBP210 Datasheet
6Mb / 6P
   BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
GBP210 YANGJIE-GBP210 Datasheet
272Kb / 2P
   SINGLE PHASE 2.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Dongguan City Niuhang E...
GBP210 NIUHANG-GBP210 Datasheet
6Mb / 6P
   BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
GBP210 CHENG-YI-GBP210 Datasheet
187Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - GBP210

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
GBL201 CHONGQING-GBL201 Datasheet
203Kb / 2P
   SINGLE PHASE2.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ8005 CHONGQING-KBJ8005 Datasheet
203Kb / 2P
   SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
GBP4005 CHONGQING-GBP4005 Datasheet
201Kb / 2P
   SINGLE PHASE4.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
GBP3005 CHONGQING-GBP3005 Datasheet
206Kb / 2P
   SINGLE PHASE3.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
GBU8005 CHONGQING-GBU8005 Datasheet
206Kb / 2P
   SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ4005 CHONGQING-KBJ4005 Datasheet
212Kb / 2P
   SINGLE PHASE4.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ10005 CHONGQING-KBJ10005 Datasheet
203Kb / 2P
   SINGLE PHASE10.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
GBU4005 CHONGQING-GBU4005 Datasheet
206Kb / 2P
   SINGLE PHASE4.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ6005 CHONGQING-KBJ6005 Datasheet
210Kb / 2P
   SINGLE PHASE6.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
GBJ801 CHONGQING-GBJ801 Datasheet
212Kb / 2P
   SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com