Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12CTQ035 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 12CTQ035
Description  Reverse battery protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

12CTQ035 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  12CTQ035 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 12CTQ035 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 12CTQ035 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 12CTQ035 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd 12CTQ035 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd 12CTQ035 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1066, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
12CTQ035/040/045
12CTQ035/040/045/S
12CTQ035/040/045/-1
12CTQ…/12CTQ…S /12CTQ…-1
SCHOTTKY RECTIFIER
Applications:
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection
Features:
175
°C TJ operation
Center tap configuration
Low forward voltage drop
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term reliability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Dimensions: In Inches / mm
TO-220AB
Case styles
12CTQ…
TO-220AB
12CTQ…S
D2PAK
12CTQ…-1
TO-262


Similar Part No. - 12CTQ035

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
12CTQ035 MICROSEMI-12CTQ035 Datasheet
151Kb / 2P
   20 AMP SCHOTTKY BARRIER RECTIFIERS
logo
International Rectifier
12CTQ035 IRF-12CTQ035 Datasheet
181Kb / 4P
   12 AMP DUAL SCHOTTKY CENTER TAP RECTIFIERS
logo
Vishay Siliconix
12CTQ035 VISHAY-12CTQ035 Datasheet
120Kb / 6P
   Schottky Rectifier, 2 x 6 A
Revision: 06-Oct-08
12CTQ035 VISHAY-12CTQ035 Datasheet
156Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 13-Aug-08
logo
International Rectifier
12CTQ035 IRF-12CTQ035 Datasheet
352Kb / 8P
   SCHOTTKY RECTIFIER
More results

Similar Description - 12CTQ035

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SK56A SMC-SK56A Datasheet
142Kb / 6P
   Reverse battery protection
SL54B SMC-SL54B Datasheet
200Kb / 6P
   Reverse battery protection
6CWQ06FN SMC-6CWQ06FN Datasheet
164Kb / 5P
   Reverse battery protection
STF30100S SMC-STF30100S Datasheet
141Kb / 4P
   Reverse battery protection
STF20H100C SMC-STF20H100C Datasheet
177Kb / 5P
   Reverse battery protection
SK54A SMC-SK54A Datasheet
151Kb / 6P
   Reverse battery protection
SL520A SMC-SL520A Datasheet
147Kb / 5P
   Reverse battery protection
SK110 SMC-SK110 Datasheet
193Kb / 6P
   Reverse battery protection
6CWQ10FN SMC-6CWQ10FN Datasheet
166Kb / 5P
   Reverse battery protection
STF10150C SMC-STF10150C Datasheet
262Kb / 5P
   Reverse battery protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com