Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL164K Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # FL164K
Description  16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FL164K Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button FL164K Datasheet HTML 4Page - Cypress Semiconductor FL164K Datasheet HTML 5Page - Cypress Semiconductor FL164K Datasheet HTML 6Page - Cypress Semiconductor FL164K Datasheet HTML 7Page - Cypress Semiconductor FL164K Datasheet HTML 8Page - Cypress Semiconductor FL164K Datasheet HTML 9Page - Cypress Semiconductor FL164K Datasheet HTML 10Page - Cypress Semiconductor FL164K Datasheet HTML 11Page - Cypress Semiconductor FL164K Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
Document Number: 002-00497 Rev. *E
Page 8 of 90
S25FL116K, S25FL132K, S25FL164K
Hardware Interface
Serial Peripheral Interface with Multiple Input / Output (SPI-MIO)
Many memory devices connect to their host system with separate parallel control, address, and data signals that require a large
number of signal connections and larger package size. The large number of connections increase power consumption due to so
many signals switching and the larger package increases cost.
The S25FL1-K reduces the number of signals for connection to the host system by serially transferring all control, address, and data
information over 4 to 6 signals. This reduces the cost of the memory package, reduces signal switching power, and either reduces
the host connection count or frees host connectors for use in providing other features.
The S25FL1-K uses the industry standard single bit Serial Peripheral Interface (SPI) and also supports commands for two bit (Dual)
and four bit (Quad) wide serial transfers. This multiple width interface is called SPI Multi-I/O or SPI-MIO.
2. Signal Descriptions
2.1
Input / Output Summary
Note:
1. A signal name ending with the # symbol is active when low.
Table 2.1 Signal List
Signal Name
Type
Description
SCK
Input
Serial Clock.
CS#
Input
Chip Select.
SI (IO0)
I/O
Serial Input for single bit data commands. IO0 for Dual or Quad commands.
SO (IO1)
I/O
Serial Output for single bit data commands. IO1 for Dual or Quad commands.
WP# (IO2)
I/O
Write Protect in single bit or Dual data commands. IO2 in Quad mode. The signal has an
internal pull-up resistor and may be left unconnected in the host system if not used for Quad
commands.
HOLD# (IO3)
I/O
Hold (pause) serial transfer in single bit or Dual data commands. IO3 in Quad-I/O mode. The
signal has an internal pull-up resistor and may be left unconnected in the host system if not used
for Quad commands.
VCC
Supply
Core and I/O Power Supply.
VSS
Supply
Ground.
NC
Unused
Not Connected. No device internal signal is connected to the package connector nor is there
any future plan to use the connector for a signal. The connection may safely be used for routing
space for a signal on a Printed Circuit Board (PCB). However, any signal connected to an NC
must not have voltage levels higher than VCC.
RFU
Reserved
Reserved for Future Use. No device internal signal is currently connected to the package
connector but there is potential future use of the connector for a signal. It is recommended to not
use RFU connectors for PCB routing channels so that the PCB may take advantage of future
enhanced features in compatible footprint devices.
DNU
Reserved
Do Not Use. A device internal signal may be connected to the package connector. The
connection may be used by Spansion® for test or other purposes and is not intended for
connection to any host system signal. Any DNU signal related function will be inactive when the
signal is at VIL. The signal has an internal pull-down resistor and may be left unconnected in the
host system or may be tied to VSS. Do not use these connections for PCB signal routing
channels. Do not connect any host system signal to this connection.


Similar Part No. - FL164K

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FL160808 FRONTIER-FL160808 Datasheet
35Kb / 1P
   Multi-layers Chip Inductors
FL160808 FRONTIER-FL160808 Datasheet
121Kb / 5P
   Tape and Reel Specifications
FL160808-100 FRONTIER-FL160808-100 Datasheet
119Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
logo
FENGJUI TECHNOLOGY CO.,...
FL160808-100K FENGJUI-FL160808-100K Datasheet
262Kb / 7P
   EMI SOLOTION PRODUCTS-RoHS
logo
Frontier Electronics.
FL160808-120 FRONTIER-FL160808-120 Datasheet
119Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
More results

Similar Description - FL164K

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S29GL064S CYPRESS-S29GL064S Datasheet
1Mb / 105P
   64 Mbit (8 Mbyte) 3.0 V Flash Memory
S25FL512S CYPRESS-S25FL512S Datasheet
3Mb / 133P
   512 Mbit (64 Mbyte), 3.0 V SPI Flash Memory
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
S25FL127S CYPRESS-S25FL127S Datasheet
2Mb / 142P
   128-Mbit (16 Mbyte) 3.0 V SPI Flash Memory
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com