Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPK15KP58CA Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # TPK15KP58CA
Description  Unidirectional and Bidirectional
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

TPK15KP58CA Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  TPK15KP58CA Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd TPK15KP58CA Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd TPK15KP58CA Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd TPK15KP58CA Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Green Products
Data Sheet N0174, Rev. B
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
TPK15KPXX
TPK15KPXX TVS Rectifier
Applications:
Protection from switching transients and induced RF
Features:
Low profile surface mount
Unidirectional and Bidirectional
Fast response
Suppresses transients up to 15kW @ 10/1000µs
Marking : body marked with TPK15KPXXX
This is a Pb − Free Device
Open top for heat dissipation and different connection options
All SMC parts are traceable to the wafer lot
All part are 100% tested: electrical, 1x surge test, visual inspection
Additional testing can be offered upon request
Mechanical Dimensions:In mm
SPD-4


Similar Part No. - TPK15KP58CA

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPK1515D TOPPOWER-TPK1515D Datasheet
641Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK1515D TOPPOWER-TPK1515D Datasheet
738Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK1515D-3W TOPPOWER-TPK1515D-3W Datasheet
640Kb / 3P
   3W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK1515D-3W TOPPOWER-TPK1515D-3W Datasheet
402Kb / 3P
   3W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK1515DA TOPPOWER-TPK1515DA Datasheet
641Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
More results

Similar Description - TPK15KP58CA

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8 YFWDIODE-P4KE6.8 Datasheet
97Kb / 3P
   Unidirectional And Bidirectional
logo
HY ELECTRONIC CORP.
SMCJ10 HY-SMCJ10_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL
logo
STMicroelectronics
BZW06 STMICROELECTRONICS-BZW06 Datasheet
446Kb / 9P
   Unidirectional and bidirectional types
April 2017 Rev 4
logo
Digitron Semiconductors
1.5KE6.8 DIGITRON-1.5KE6.8 Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
logo
Microsemi Corporation
SMC MICROSEMI-SMC Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SML MICROSEMI-SML Datasheet
138Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
HY ELECTRONIC CORP.
1.5KEG HY-1.5KEG Datasheet
473Kb / 4P
   Unidirectional and Bidirectional TransientVoltage Suppressors
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Microsemi Corporation
M1.5KE6.8A MICROSEMI-M1.5KE6.8A Datasheet
386Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressor
logo
HY ELECTRONIC CORP.
P4KE10 HY-P4KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com