Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM20730A1KFBGT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # BCM20730A1KFBGT
Description  Single-Chip Bluetooth Transceiver for Wireless Input Devices
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20730A1KFBGT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button BCM20730A1KFBGT Datasheet HTML 2Page - Cypress Semiconductor BCM20730A1KFBGT Datasheet HTML 3Page - Cypress Semiconductor BCM20730A1KFBGT Datasheet HTML 4Page - Cypress Semiconductor BCM20730A1KFBGT Datasheet HTML 5Page - Cypress Semiconductor BCM20730A1KFBGT Datasheet HTML 6Page - Cypress Semiconductor BCM20730A1KFBGT Datasheet HTML 7Page - Cypress Semiconductor BCM20730A1KFBGT Datasheet HTML 8Page - Cypress Semiconductor BCM20730A1KFBGT Datasheet HTML 9Page - Cypress Semiconductor BCM20730A1KFBGT Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
Broadcom®, the pulse logo, Connecting everything®, and the Connecting everything logo are among the
registered trademarks of Broadcom Corporation and/or its subsidiaries in the United States, certain other
countries, and/or the EU. Bluetooth® is a trademark of the Bluetooth SIG. Any other trademarks or trade
names mentioned are the property of their respective owners.
Confidential and Proprietary Information: This document and the software are proprietary properties of
Broadcom Corporation. This software package may only be used in accordance with the Broadcom Corporation
license agreement.
This data sheet (including, without limitation, the Broadcom component(s) identified herein) is not designed,
intended, or certified for use in any military, nuclear, medical, mass transportation, aviation, navigations,
pollution control, hazardous substances management, or other high risk application. BROADCOM PROVIDES
THIS DATA SHEET "AS-IS", WITHOUT WARRANTY OF ANY KIND. BROADCOM DISCLAIMS ALL WARRANTIES,
EXPRESSED AND IMPLIED, INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF
MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, AND NON-INFRINGEMENT.
Broadcom Corporation
5300 California Avenue
Irvine, CA 92617
© 2013 by Broadcom Corporation
All rights reserved
Printed in the U.S.A.
20730-DS101-R
6/25/10
Added:
• “Shutter Control for 3D Glasses” on page 10.
• “Infrared Modulator” on page 10.
• “Infrared Learning” on page 11.
• “Triac Control” on page 12.
• “Broadcom Proprietary Control Signalling and Triggered Baseband
Fast Connect” on page 12.
• Figure 5: “Internal Reset Timing,” on page 17.
• Figure 6: “External Reset Timing,” on page 17.
• Figure 10: “40-pin QFN Ball Map,” on page 33.
• Figure 11: “64-pin BGA Ball Map,” on page 34.
• “SPI Timing” on page 41.
• Figure 16: “40-pin QFN,” on page 44.
• Figure 17: “64-pin FBGA,” on page 45.
Revised:
• “Microprocessor Unit” on page 16.
• Table 6: “Pin Descriptions,” on page 25.
• Table 11: “ADC Specifications,” on page 36.
• Table 14: “Receiver RF Specifications,” on page 38.
• Table 15: “Transmitter RF Specifications,” on page 39.
• Table 21: “Ordering Information,” on page 50.
20730-DS100-RI
4/27/10
Initial release.
Revision
Date
Change Description


Similar Part No. - BCM20730A1KFBGT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM20730A1KFBGT CYPRESS-BCM20730A1KFBGT Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
More results

Similar Description - BCM20730A1KFBGT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW20730 CYPRESS-CYW20730 Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20735 CYPRESS-CYW20735 Datasheet
4Mb / 55P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20734 CYPRESS-CYW20734 Datasheet
4Mb / 51P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20733 CYPRESS-CYW20733 Datasheet
7Mb / 67P
   Single-Chip Bluetooth Transceiver Wireless Input Devices
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com