Electronic Components Datasheet Search |
|
QK004R3XX Datasheet(PDF) 2 Page - Littelfuse |
|
QK004R3XX Datasheet(HTML) 2 Page - Littelfuse |
2 / 10 page © 2016 Littelfuse, Inc. Specifications are subject to change without notice. Revised: 05/03/16 Teccor® brand Thyristors 4 Amp Sensitive & Standard Triacs Electrical Characteristics (T J = 25°C, unless otherwise specified) — Sensitive Triac (4 Quadrants) Symbol Test Conditions Quadrant Lxx04x3 Lxx04x5 Lxx04x6 Lxx04x8 Unit I GT V D = 12V RL = 60 Ω I – II – III MAX. 3 5 5 10 mA IV 3 5 10 20 V GT V D = 12V RL = 60 Ω ALL MAX. 1.3 V V GD V D = VDRM RL = 3.3 kΩ TJ = 110°C ALL MIN. 0.2 V I H I T = 100mA MAX. 5 10 10 15 mA dv/dt V D = VDRM Gate Open TJ = 100°C 400V TYP. 25 25 30 35 V/μs 600V 15 15 20 25 (dv/dt)c (di/dt)c = 2.16 A/ms T J = 110°C TYP. 0.5 1 1 1 V/μs t gt I G = 2 x IGT PW = 15μs IT = 5.6 A(pk) TYP. 2.8 3.0 3.0 3.2 μs Absolute Maximum Ratings — Standard Triacs Symbol Parameter Value Unit I T(RMS) RMS on-state current (full sine wave) Qxx04Ly T C = 105°C 4 A Qxx04Ry/Qxx04Vy/Qxx04Dy T C = 110°C I TSM Non repetitive surge peak on-state current (full cycle, T J initial = 25°C) f = 50 Hz t = 20 ms 46 A f = 60 Hz t = 16.7 ms 55 I2t I2t Value for fusing t p = 8.3 ms 12.5 A2s di/dt Critical rate of rise of on-state current (I G = 50mA with ≤ 0.1μs rise time) f = 120 Hz T J = 125°C 50 A/μs I GTM Peak gate trigger current t p ≤ 10 μs; I GT ≤ IGTM T J = 125°C 1.2 A P G(AV) Average gate power dissipation T J = 125°C 0.3 W T stg Storage temperature range -40 to 150 °C T J Operating junction temperature range -40 to 125 °C Note: xx = voltage, y = sensitivity Electrical Characteristics (T J = 25°C, unless otherwise specified) — Standard Triac Symbol Test Conditions Quadrant Qxx04x3 Qxx04x4 Unit I GT V D = 12V RL = 60 Ω I – II – III MAX. 10 25 mA IV TYP. 25 50 V GT V D = 12V RL = 60 Ω I – II – III MAX. 1.3 1.3 V V GD V D = VDRM RL = 3.3 kΩ TJ = 125°C ALL MIN. 0.2 0.2 V I H I T = 200mA MAX. 20 30 mA dv/dt V D = VDRM Gate Open TJ = 125°C 400V MIN. 40 75 V/μs 600V 30 50 800V 40 V D = VDRM Gate Open TJ = 100°C 1000V 50 (dv/dt)c (di/dt)c = 2.16 A/ms T J = 125°C TYP. 2 2 V/μs t gt I G = 2 x IGT PW = 15μs IT = 5.6 A(pk) TYP. 2.5 3.0 μs Note: xx = voltage, x = package |
Similar Part No. - QK004R3XX |
|
Similar Description - QK004R3XX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |