Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF4L58A Datasheet(PDF) 1 Page - Littelfuse

Part # SMF4L58A
Description  TVS Diodes Surface Mount ??400W
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMF4L58A Datasheet(HTML) 1 Page - Littelfuse

  SMF4L58A Datasheet HTML 1Page - Littelfuse SMF4L58A Datasheet HTML 2Page - Littelfuse SMF4L58A Datasheet HTML 3Page - Littelfuse SMF4L58A Datasheet HTML 4Page - Littelfuse SMF4L58A Datasheet HTML 5Page - Littelfuse SMF4L58A Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TVS Diodes
Surface Mount – 400W > SMF4L Series
©2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 08/02/16
Description
Features
Maximum Ratings and Thermal Characteristics
(T
A=25
O
C unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak Pulse Power
Dissipation at
T
A=25ºC (Note 1)
8/20µs (Note 2)
P
PPM
2000
W
10/1000µs (Note 3)
400
W
Thermal Resistance Junction to
Ambient
R
θJA
220
°C/W
Thermal Resistance Junction to Lead
R
θJL
100
°C/W
Operating and Storage Temperature
Range
T
J,TSTG
-55 to
150
°C
Notes:
1. Non-repetitive current pulse, per Fig. 4 and derated above T
J (initial) =25ºC per Fig. 3.
2. SMF4L5.0A~SMF4L9.0A Peak Pulse Power Dissipation is 1850W min, 2000W
typical @8/20us
3. SMF4L5.0A~SMF4L9.0A Peak Pulse Power Dissipation is 370W min, 400W typical @
10/1000µs
The SMF4L series of SOD-123FL small and flat lead low-
profile plastic package is designed specifically to protect
sensitive electronic equipment from voltage transients
induced by lightning and other transient voltage events.
Applications
SMF4L devices are ideal for the protection of portable
devices/hard drives, notebooks, V
CC busses, POS terminal,
SSDs, power supplies, monitors, and vulnerable circuit
used in other consumer applications.
• 400W peak pulsepower
capability at 10/1000µs
waveform, repetition rate
(duty cycle): 0.01%
• Compatible with industrial
standard package SOD-
123FL
• Low inductance, excellent
clamping capability
• For surface mounted
applications to optimize
board space
• Typical failure mode is
short from over-specified
voltage or current
• Whisker test is conducted
based on JEDEC
JESD201A per its table 4a
and 4c
• IEC-61000-4-2 ESD
30kV(Air), 30kV (Contact)
• ESD protection of data
lines in accordance with
IEC 61000-4-2
• EFT protection of data
lines in accordance with
IEC 61000-4-4
• Fast response time:
typically less than 1.0ns
from 0 Volts to V
BR min
• High temperature
soldering: 260°C/40
seconds at terminals
• Glass passivated junction
• Built-in strain relief
• Plastic package is
flammability rated V-0 per
Underwriters Laboratories
• Meet MSL level1, per
J-STD-020, LF maximun
peak of 260°C
• Matte tin lead–free plated
• Halogen-free and RoHS
compliant
• Pb-free E3 means 2nd level
interconnect is Pb-free
and the terminal finish
material is tin(Sn) (IPC/
JEDEC J-STD-609A.01)
AGENCY
AGENCY FILE NUMBER
E230531
Agency Approvals
SMF4L Series
Functional Diagram
Bi-directional
Uni-directional
Cathode
Anode
RoHS
Pb e3
Uni-directional


Similar Part No. - SMF4L58A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF4L58A LUGUANG-SMF4L58A Datasheet
2Mb / 3P
   Transient Voltage Suppressors
SMF4L58A LUGUANG-SMF4L58A Datasheet
404Kb / 3P
   Transient Voltage Suppressor
SMF4L58A LUGUANG-SMF4L58A Datasheet
404Kb / 3P
   Transient Voltage Suppressor
20210428-P1
logo
Bourns Electronic Solut...
SMF4L58A BOURNS-SMF4L58A Datasheet
187Kb / 6P
   SMF4L Transient Voltage Suppressor Diode Series
REV. 12/21
logo
Anova Technologies CO.,...
SMF4L58A;NP;SOD-123 ANOVA-SMF4L58A;NP;SOD-123 Datasheet
330Kb / 3P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMF4L58A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SZ1SMA LITTELFUSE-SZ1SMA Datasheet
794Kb / 7P
   TVS Diodes Surface Mount > 400W > SZ1SMA Series
Revised: GD. 12/18/20
logo
SUNMATE electronic Co.,...
SMAJ5.0CA SUNMATE-SMAJ5.0CA Datasheet
333Kb / 4P
   400W SURFACE MOUNT TVS
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
   400W Peak Power Surface Mount TVS
S4FL6.0A SECOS-S4FL6.0A Datasheet
477Kb / 4P
   400W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_15 Datasheet
76Kb / 4P
   400W Peak Power Surface Mount TVS
logo
UN Semiconducctor INC
4.0SMF3.3A UNSEMI-4.0SMF3.3A Datasheet
2Mb / 4P
   3.3A 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shanghai Leiditech Elec...
P4SMA LEIDITECH-P4SMA Datasheet
1Mb / 7P
   Surface Mount ??400W
P4SMFJ LEIDITECH-P4SMFJ Datasheet
3Mb / 7P
   Surface Mount - 400W
01.06.2019
logo
Sirectifier Global Corp...
N502AT23 SIRECT-N502AT23 Datasheet
261Kb / 3P
   300W Surface Mount TVS Diodes
logo
RFE international
SMXJ60 RFE-SMXJ60 Datasheet
91Kb / 1P
   SURFACE MOUNT TVS & Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com