Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP5KP18CA Datasheet(PDF) 1 Page - Littelfuse

Part # TP5KP18CA
Description  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TP5KP18CA Datasheet(HTML) 1 Page - Littelfuse

  TP5KP18CA Datasheet HTML 1Page - Littelfuse TP5KP18CA Datasheet HTML 2Page - Littelfuse TP5KP18CA Datasheet HTML 3Page - Littelfuse TP5KP18CA Datasheet HTML 4Page - Littelfuse TP5KP18CA Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Transient Voltage Suppression Diodes
©2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/25/16
Axial Leaded – 5000W > TP5KP series
AGENCY
AGENCY FILE NUMBER
E230531
TVS devices are ideal for the protection of I/O interfaces,
V
CC bus and other vulnerable circuits used in telecom,
computer, industrial and consumer electronic applications.
Applications
Features
The TP5KP Series is designed specifically to protect
sensitive electronic equipment from voltage transients
induced by lightning and other transient voltage events.
Description
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation by
10/1000μs Test Waveform (Fig.2)
(Note 1)
P
PPM
5000
W
Steady State Power Dissipation on
Infinite Heat Sink at T
L=75ºC
P
D
8.0
W
Peak Forward Surge Current, 8.3ms
Single Half Sine Wave Unidirectional
Only (Note 2)
I
FSM
400
A
Maximum Instantaneous Forward
Voltage at 100A for Unidirectional
Only (Note 3)
V
F
3.5
V
Operating Junction Temperature
Range
T
J
-55 to 150
°C
Storage Temperature Range
T
STG
-55 to 175
°C
Typical Thermal Resistance Junction
to Lead
R
θJL
8.0
°C/W
Typical Thermal Resistance Junction
to Ambient
R
θJA
40
°C/W
Notes:
1. Non-repetitive current pulse , per Fig. 4 and derated above T
J (initial) =25
O
C per Fig. 3.
2. Measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 per
minute maximum.
Maximum Ratings and Thermal Characteristics
(T
A=25
O
C unless otherwise noted)
Agency Approvals
• Hi reliability application
and automotive grade AEC
Q101 qualified
• Glass passivated chip
junction in P600 package
• 5000W peak pulse
capability at 10/1000μs
waveform, repetition rate
(duty cycles):0.01%
• Fast response time:
typically less than 1.0ps
from 0 Volts to BV min
• Excellent clamping
capability
• Typical failure mode is
short from over-specified
voltage or current
• Whisker test is conducted
based on JEDEC
JESD201A per its table 4a
and 4c
• IEC-61000-4-2 ESD
30kV(Air), 30kV (Contact)
• ESD protection of data
lines in accordance with
IEC 61000-4-2
• EFT protection of data
lines in accordance with
IEC 61000-4-4
• Low incremental surge
resistance
• Typical I
R less than 2μA
when V
BR min>12V
• High temperature
to reflow soldering
guaranteed: 260°C/10sec
/ 0.375”, (9.5mm) lead
length, 5 lbs., (2.3kg)
tension
• V
BR @ TJ= VBR@25°C
x (1+αT x (T
J - 25))
(αT:Temperature
Coefficient, typical value
is 0.1%)
• Plastic package is
flammability rated V-0 per
Underwriters Laboratories
• Matte tin lead–free plated
• Halogen free and RoHS
compliant
• Pb-free E3 means 2nd level
interconnect is Pb-free
and the terminal finish
material is tin(Sn) (IPC/
JEDEC J-STD-609A.01)
TP5KP Series
Functional Diagram
Bi-directional
Uni-directional
Cathode
Anode
Bi-directional
Uni-directional
RoHS
Pb e3


Similar Part No. - TP5KP18CA

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP5 GREATECS-TP5 Datasheet
128Kb / 1P
   12 x 12 mm THT Tactile Switches with Ground Terminal
logo
Anova Technologies CO.,...
TP5.0SMDJ ANOVA-TP5.0SMDJ Datasheet
417Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
TP5.0SMDJ UNSEMI-TP5.0SMDJ Datasheet
2Mb / 6P
   10 To 58V 5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Anova Technologies CO.,...
TP5.0SMDJ10A ANOVA-TP5.0SMDJ10A Datasheet
417Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
TP5.0SMDJ10A UNSEMI-TP5.0SMDJ10A Datasheet
2Mb / 6P
   10 To 58V 5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results

Similar Description - TP5KP18CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com