Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF4L48A Datasheet(PDF) 2 Page - Littelfuse

Part # SMF4L48A
Description  TVS Diodes Surface Mount ??400W
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMF4L48A Datasheet(HTML) 2 Page - Littelfuse

  SMF4L48A Datasheet HTML 1Page - Littelfuse SMF4L48A Datasheet HTML 2Page - Littelfuse SMF4L48A Datasheet HTML 3Page - Littelfuse SMF4L48A Datasheet HTML 4Page - Littelfuse SMF4L48A Datasheet HTML 5Page - Littelfuse SMF4L48A Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TVS Diodes
Surface Mount – 400W > SMF4L Series
©2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 08/02/16
Electrical Characteristics (T
A=25°C unless otherwise noted)
Part
Number
Marking
Code
Breakdown
Voltage V
BR
(Volts) @ I
T
Test
Current
I
T
(mA)
Reverse Stand
off Voltage
V
R (V)
Maximum
Reverse
Leakage @ V
R
I
R (µA)
Maximum
Peak Pulse
Current I
pp
(A)
Maximum
Clamping
Voltage
@I
pp
V
C (V)
Agency
Approval
MIN
MAX
SMF4L5.0A
KE
6.40
7.00
10
5.0
800
40.1
9.2
X
SMF4L6.0A
KG
6.67
7.37
10
6.0
800
35.9
10.3
X
SMF4L6.5A
KK
7.22
7.98
10
6.5
500
33.1
11.2
X
SMF4L7.0A
KM
7.78
8.60
10
7.0
200
30.9
12.0
X
SMF4L7.5A
KP
8.33
9.21
1
7.5
100
28.7
12.9
X
SMF4L8.0A
KR
8.89
9.83
1
8.0
50
27.2
13.6
X
SMF4L8.5A
KT
9.44
10.40
1
8.5
20
25.7
14.4
X
SMF4L9.0A
KV
10.00
11.10
1
9.0
10
24.1
15.4
X
SMF4L10A
KX
11.10
12.30
1
10
5
23.5
17.0
X
SMF4L11A
KZ
12.20
13.50
1
11
1
22.0
18.2
X
SMF4L12A
LE
13.30
14.70
1
12
1
20.1
19.9
X
SMF4L13A
LG
14.40
15.90
1
13
1
18.6
21.5
X
SMF4L14A
LK
15.60
17.20
1
14
1
17.2
23.2
X
SMF4L15A
LM
16.70
18.50
1
15
1
16.4
24.4
X
SMF4L16A
LP
17.80
19.70
1
16
1
15.4
26.0
X
SMF4L17A
LR
18.90
20.90
1
17
1
14.5
27.6
X
SMF4L18A
LT
20.00
22.10
1
18
1
13.7
29.2
X
SMF4L20A
LV
22.20
24.50
1
20
1
12.3
32.4
X
SMF4L22A
LX
24.40
26.90
1
22
1
11.3
35.5
X
SMF4L24A
LZ
26.70
29.50
1
24
1
10.3
38.9
X
SMF4L26A
ME
28.90
31.90
1
26
1
9.5
42.1
X
SMF4L28A
MG
31.10
34.40
1
28
1
8.8
45.4
X
SMF4L30A
MK
33.30
36.80
1
30
1
8.3
48.4
X
SMF4L33A
MM
36.70
40.60
1
33
1
7.5
53.3
X
SMF4L36A
MP
40.00
44.20
1
36
1
6.9
58.1
X
SMF4L40A
MR
44.40
49.10
1
40
1
6.2
64.5
X
SMF4L43A
MT
47.80
52.80
1
43
1
5.8
69.4
X
SMF4L45A
MV
50.00
55.30
1
45
1
5.5
72.7
X
SMF4L48A
MX
53.30
58.90
1
48
1
5.2
77.4
X
SMF4L51A
MZ
56.70
62.70
1
51
1
4.9
82.4
X
SMF4L54A
NE
60.00
66.30
1
54
1
4.6
87.1
X
SMF4L58A
NG
64.40
71.20
1
58
1
4.3
93.6
X
SMF4L60A
NK
66.70
73.70
1
60
1
4.1
96.8
X
SMF4L64A
NM
71.10
78.60
1
64
1
3.9
103.0
X
SMF4L70A
NP
77.80
86.00
1
70
1
3.5
113.0
X
SMF4L75A
NR
83.30
92.10
1
75
1
3.3
121.0
X
SMF4L78A
NT
86.70
95.80
1
78
1
3.2
126.0
X
SMF4L85A
NV
94.40
104.00
1
85
1
2.9
137.0
X
Notes:
1. V
BR measured after IT applied for 300µs, IT = square wave pulse or equivalent.
2. Surge current waveform per 10/1000µs exponential wave and derated per Fig.2.
3. All terms and symbols are consistent with ANSI/IEEE C62.35.


Similar Part No. - SMF4L48A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF4L48A LUGUANG-SMF4L48A Datasheet
2Mb / 3P
   Transient Voltage Suppressors
SMF4L48A LUGUANG-SMF4L48A Datasheet
404Kb / 3P
   Transient Voltage Suppressor
SMF4L48A LUGUANG-SMF4L48A Datasheet
404Kb / 3P
   Transient Voltage Suppressor
20210428-P1
logo
Bourns Electronic Solut...
SMF4L48A BOURNS-SMF4L48A Datasheet
187Kb / 6P
   SMF4L Transient Voltage Suppressor Diode Series
REV. 12/21
logo
Anova Technologies CO.,...
SMF4L48A;NT;SOD-123 ANOVA-SMF4L48A;NT;SOD-123 Datasheet
330Kb / 3P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMF4L48A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SZ1SMA LITTELFUSE-SZ1SMA Datasheet
794Kb / 7P
   TVS Diodes Surface Mount > 400W > SZ1SMA Series
Revised: GD. 12/18/20
logo
SUNMATE electronic Co.,...
SMAJ5.0CA SUNMATE-SMAJ5.0CA Datasheet
333Kb / 4P
   400W SURFACE MOUNT TVS
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
   400W Peak Power Surface Mount TVS
S4FL6.0A SECOS-S4FL6.0A Datasheet
477Kb / 4P
   400W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_15 Datasheet
76Kb / 4P
   400W Peak Power Surface Mount TVS
logo
UN Semiconducctor INC
4.0SMF3.3A UNSEMI-4.0SMF3.3A Datasheet
2Mb / 4P
   3.3A 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shanghai Leiditech Elec...
P4SMA LEIDITECH-P4SMA Datasheet
1Mb / 7P
   Surface Mount ??400W
P4SMFJ LEIDITECH-P4SMFJ Datasheet
3Mb / 7P
   Surface Mount - 400W
01.06.2019
logo
Sirectifier Global Corp...
N502AT23 SIRECT-N502AT23 Datasheet
261Kb / 3P
   300W Surface Mount TVS Diodes
logo
RFE international
SMXJ60 RFE-SMXJ60 Datasheet
91Kb / 1P
   SURFACE MOUNT TVS & Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com