Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFP720F Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BFP720F
Description  Low Noise Silicon Germanium Bipolar RF Transistor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP720F Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BFP720F_12 Datasheet HTML 5Page - Infineon Technologies AG BFP720F_12 Datasheet HTML 6Page - Infineon Technologies AG BFP720F_12 Datasheet HTML 7Page - Infineon Technologies AG BFP720F_12 Datasheet HTML 8Page - Infineon Technologies AG BFP720F_12 Datasheet HTML 9Page - Infineon Technologies AG BFP720F_12 Datasheet HTML 10Page - Infineon Technologies AG BFP720F_12 Datasheet HTML 11Page - Infineon Technologies AG BFP720F_12 Datasheet HTML 12Page - Infineon Technologies AG BFP720F_12 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
BFP720F
Maximum Ratings
Data Sheet
9
Revision 1.1, 2012-10-25
3
Maximum Ratings
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit.
Table 3-1
Maximum Ratings at
T
A = 25 °C (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Collector emitter voltage
VCEO
4.0
3.5
V
Open base
TA = 25 °C
TA = -55 °C
Collector emitter voltage
VCES
13
V
E-B short circuited
Collector base voltage
VCBO
13
V
Open emitter
Emitter base voltage
VEBO
––1.2
V
Open collector
Collector current
IC
––25
mA
Base current
IB
––2mA
Total power dissipation1)
1) TS is the soldering point temperature. TS is measured on the emitter lead at the soldering point to the pcb
Ptot
100
mW
TS ≤ 109 °C
Junction temperature
TJ
150
°C
Storage temperature
TStg
-55
150
°C


Similar Part No. - BFP720F_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP720FESD INFINEON-BFP720FESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.1, 2010-06-29
BFP720FESD INFINEON-BFP720FESD Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2012-10-16
BFP720FESD INFINEON-BFP720FESD_12 Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2012-10-16
More results

Similar Description - BFP720F_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP740 INFINEON-BFP740_15 Datasheet
1Mb / 28P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2015-01-20
BFR740L3RH INFINEON-BFR740L3RH_16 Datasheet
1Mb / 29P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.1, 2016-03-16
BFP720 INFINEON-BFP720_12 Datasheet
1Mb / 25P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-10-19
BFP640F INFINEON-BFP640F_15 Datasheet
1Mb / 28P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.0, 2015-03-13
BFP760 INFINEON-BFP760_15 Datasheet
837Kb / 27P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2013-08-05
BFP640 INFINEON-BFP640_15 Datasheet
1Mb / 28P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.0, 2015-03-13
BFP740F INFINEON-BFP740F_15 Datasheet
1Mb / 28P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.0, 2015-03-12
BFR720L3RH INFINEON-BFR720L3RH_12 Datasheet
1Mb / 28P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.0, 2012-09-03
BFP640ESD INFINEON-BFP640ESD_12 Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-09-17
BFP840FESD INFINEON-BFP840FESD Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2013-04-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com