Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F07N Datasheet(PDF) 4 Page - NXP Semiconductors

Part # N74F07N
Description  Inverter/buffer drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F07N Datasheet(HTML) 4 Page - NXP Semiconductors

  N74F07N Datasheet HTML 1Page - NXP Semiconductors N74F07N Datasheet HTML 2Page - NXP Semiconductors N74F07N Datasheet HTML 3Page - NXP Semiconductors N74F07N Datasheet HTML 4Page - NXP Semiconductors N74F07N Datasheet HTML 5Page - NXP Semiconductors N74F07N Datasheet HTML 6Page - NXP Semiconductors N74F07N Datasheet HTML 7Page - NXP Semiconductors N74F07N Datasheet HTML 8Page - NXP Semiconductors N74F07N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Philips Semiconductors
Product data
74F07
Hex inverter/buffer drivers (open-collector)
2004 Mar 12
4
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to 12
V
IOUT
Current applied to output in Low output state
128
mA
Tamb
Operating free air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
MIN
NOM
MAX
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIk
Input clamp current
–18
mA
VOH
High-level output voltage
12
V
IOL
Low-level output current
64
mA
Tamb
Operating free air temperature range
0
+70
°C


Similar Part No. - N74F07N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F07N PHILIPS-N74F07N Datasheet
72Kb / 11P
   Inverter/buffer drivers
2004 Mar 12
logo
Nexperia B.V. All right...
N74F07N NEXPERIA-N74F07N Datasheet
199Kb / 12P
   Hex inverter/buffer drivers (open-collector)
2004 Mar 12
More results

Similar Description - N74F07N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F07D-T PHILIPS-N74F07D-T Datasheet
72Kb / 11P
   Inverter/buffer drivers
2004 Mar 12
74F06 PHILIPS-74F06 Datasheet
76Kb / 10P
   Inverter/buffer drivers
1992 Jul 24
logo
Nexperia B.V. All right...
74F07 NEXPERIA-74F07 Datasheet
199Kb / 12P
   Hex inverter/buffer drivers (open-collector)
2004 Mar 12
74F06 NEXPERIA-74F06 Datasheet
200Kb / 12P
   Hex inverter/buffer drivers (open-collector)
2004 Mar 12
logo
Toshiba Semiconductor
TC7SGU04FE TOSHIBA-TC7SGU04FE Datasheet
165Kb / 6P
   Inverter (Un-Buffer)
TC7SAU04F TOSHIBA-TC7SAU04F_07 Datasheet
202Kb / 8P
   Inverter (Un-Buffer)
logo
Hitachi Semiconductor
HD14049UB HITACHI-HD14049UB Datasheet
67Kb / 6P
   Hex Inverter/Buffer
logo
Renesas Technology Corp
HD74ALVC1G04 RENESAS-HD74ALVC1G04_15 Datasheet
104Kb / 12P
   Single Inverter Buffer
logo
ON Semiconductor
MC10195 ONSEMI-MC10195_02 Datasheet
87Kb / 4P
   Hex Inverter/Buffer
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TC7SH34F TOSHIBA-TC7SH34F_09 Datasheet
173Kb / 7P
   Non-Inverter Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com