Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSP05G347 Datasheet(PDF) 1 Page - Littelfuse

Part # LSP05G347
Description  Surge Protection Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LSP05G347 Datasheet(HTML) 1 Page - Littelfuse

  LSP05G347 Datasheet HTML 1Page - Littelfuse LSP05G347 Datasheet HTML 2Page - Littelfuse LSP05G347 Datasheet HTML 3Page - Littelfuse LSP05G347 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surge Protection Module
LED Lighting Surge Protection Module > LSP05G
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/03/16
LSP05G Module Series
Agency Approvals
Applications
Additional Information
Description
Features
RoHS
• Maximum Discharge
Current (I
max) 10kA, 8/20µs
• Meets ANSI C136.2
Enhanced Level 10kV/5kA,
IEEE C62.41.2 Location
Category C Low Exposure
and US Dept. of Energy
MSSLC Model Spec.
• Thermally Protected
Varistor technology
• Parallel and Series
Connected SPD Options
• IP66 Water-proof
and Dust-proof
• UL1449 Recognized (120Vac,
240Vac and 277Vac only)
• Series- connected option for
240V and 277V is IEC
61643-11 Test Class II and EN
61643-11 Type 2 compliant.
• Outdoor and Commercial
LED Lighting
• Roadway lighting
• Traffic lighting
• Digital signage
• Wall wash lighting
• IEC CB Scheme
Certificate NL-37684
available for 240V and
NL-40516 for 277V
• Compact form factor
with mounting tabs
• 240Vac and 277Vac
are CE compliant and
available for Class I
and Class II installation
based on IEC luminaire
protection classes
• Series connected
– Varistor thermal
protection indication
by removal of power
to luminaire
• High line-to-earth/
ground resistance
• RohS compliant
• Parking garage lighting
• Flood lighting
• Tunnel lighting
• Street lighting
Datasheet
Samples
Resources
Absolute Maximum Ratings
• For ratings of individual members of a series, see Device Ratings and Specifications chart
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
LSP05G Series
Units
Continous:
Max AC Voltage Range (VM(AC)RMS)
150 to 510
V
Continuous Current
5
A
Transient:
Maximum Discharge Current, 8/20μs Waveform (Imax)
10,000
A
Nominal Discharge Current, 8/20µs Waveform (In)
5,000
A
Operating Ambient Temperature Range (TA)
-45 to +85
°C
Storage Temperature Range (TSTG)
-45 to +90
°C
Isolation Voltage Capability (When the thermal disconnect opens)
600
V
Insulation Resistance
>1,000
Agency
Standard
Agency File Number
UL1449
for 120V, 240V, 277V Only
E320116
Littelfuse’s LSP05G thermally protected Surge Protective
Device is a self-protected device specially designed to be
used in outdoor and commercial LED lighting fixtures for
transient overvoltage protection. It has been developed with
Littelfuse’s thermally protected varistor technology. Its built-in
thermal disconnect function provides additional protection
to prevent catastrophic failure and fire hazard even under
extreme circumstances of varistor end-of-life or sustaining
over voltage conditions. It also provides high line-to-earth/
ground resistance, facilitating faster production line testing.
LSP05G series connected option allows clear indication of
thermal fault protection by disconnecting power to luminaire,
thereby signaling SPD module replacement. The LSP05G
Surge Protective Device facilitates customer’s product
compliance to IEEE C62.41.2 Location Category C Low ANSI
C136.2 and US Dept. of Energy MSSLC Model Spec.


Similar Part No. - LSP05G347

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LSP05G240PX3316 LITTELFUSE-LSP05G240PX3316 Datasheet
449Kb / 4P
   Surge Protection Module LED Lighting Surge Protection Module > LSP05G Europe Version
Revised: 02/21/20
LSP05G240PX3333 LITTELFUSE-LSP05G240PX3333 Datasheet
449Kb / 4P
   Surge Protection Module LED Lighting Surge Protection Module > LSP05G Europe Version
Revised: 02/21/20
LSP05G240SX3316 LITTELFUSE-LSP05G240SX3316 Datasheet
449Kb / 4P
   Surge Protection Module LED Lighting Surge Protection Module > LSP05G Europe Version
Revised: 02/21/20
LSP05G240SX3333 LITTELFUSE-LSP05G240SX3333 Datasheet
449Kb / 4P
   Surge Protection Module LED Lighting Surge Protection Module > LSP05G Europe Version
Revised: 02/21/20
LSP05G277PX3316 LITTELFUSE-LSP05G277PX3316 Datasheet
449Kb / 4P
   Surge Protection Module LED Lighting Surge Protection Module > LSP05G Europe Version
Revised: 02/21/20
More results

Similar Description - LSP05G347

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LSP05GI240PX3316 LITTELFUSE-LSP05GI240PX3316 Datasheet
586Kb / 4P
   Surge Protection Module LED Lighting Surge Protection Module > LSP05GI
Revised: 08/22/18
LSP05480P LITTELFUSE-LSP05480P Datasheet
479Kb / 3P
   Surge Protection Module LED Lighting Surge Protection Module > LSP05
Revised: 11/04/19
LSP10480P LITTELFUSE-LSP10480P Datasheet
598Kb / 3P
   Surge Protection Module LED Lighting Surge Protection Module > LSP10
Revised: 12/03/19
logo
Bourns Electronic Solut...
4A12P-516-500 BOURNS-4A12P-516-500 Datasheet
647Kb / 1P
   Surge Line Protection Module
4B08B-503-RC BOURNS-4B08B-503-RC_11 Datasheet
351Kb / 1P
   Surge Line Protection Module
4B06B-514-RC BOURNS-4B06B-514-RC_11 Datasheet
306Kb / 1P
   Surge Line Protection Module
4B08B-513-RC BOURNS-4B08B-513-RC_11 Datasheet
353Kb / 1P
   Surge Line Protection Module
4B06B-504-RC BOURNS-4B06B-504-RC Datasheet
354Kb / 1P
   Surge Line Protection Module
4A12P-506-500 BOURNS-4A12P-506-500_11 Datasheet
355Kb / 1P
   Surge Line Protection Module
4B06B-DR1-12R5LF BOURNS-4B06B-DR1-12R5LF Datasheet
438Kb / 2P
   Surge Line Protection Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com