Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HQ6025NH5RP Datasheet(PDF) 7 Page - Littelfuse

Part # HQ6025NH5RP
Description  25 Amp High Temperature Alternistor Triacs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HQ6025NH5RP Datasheet(HTML) 7 Page - Littelfuse

  HQ6025NH5RP Datasheet HTML 1Page - Littelfuse HQ6025NH5RP Datasheet HTML 2Page - Littelfuse HQ6025NH5RP Datasheet HTML 3Page - Littelfuse HQ6025NH5RP Datasheet HTML 4Page - Littelfuse HQ6025NH5RP Datasheet HTML 5Page - Littelfuse HQ6025NH5RP Datasheet HTML 6Page - Littelfuse HQ6025NH5RP Datasheet HTML 7Page - Littelfuse HQ6025NH5RP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/02/16
Teccor® brand Thyristors
25 Amp High Temperature Alternistor Triacs
Dimensions — TO- 218AC (K Package) — Isolated Mounting Tab
C
D
H
G
F
B
A
E
U (diameter)
M Package
MT2 / Anode
P
Gate
J
MT2
MT1
M
N
K
L
R
Q
Note: Maximum torque
to be applied to mounting
tab is 8 in-lbs. (0.904 Nm).
W
T
C Measurement Point
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.810
0.835
20.57
21.21
B
0.610
0.630
15.49
16.00
C
0.178
0.188
4.52
4.78
D
0.055
0.070
1.40
1.78
E
0.487
0.497
12.37
12.62
F
0.635
0.655
16.13
16.64
G
0.022
0.029
0.56
0.74
H
0.075
0.095
1.91
2.41
J
0.575
0.625
14.61
15.88
K
0.211
0.219
5.36
5.56
L
0.422
0.437
10.72
11.10
M
0.058
0.068
1.47
1.73
N
0.045
0.055
1.14
1.40
P
0.095
0.115
2.41
2.92
Q
0.008
0.016
0.20
0.41
R
0.008
0.016
0.20
0.41
U
0.159
0.163
4.04
4.14
W
0.085
0.095
2.17
2.42
Product Selector
Part Number
Voltage
Gate Sensitivity
Package
400V
600V
800V
1000V
HQ6025RH5
X
50 mA
TO-220R
HQ6025NH5
X
50 mA
TO-263
HQ6025LH5
X
50 mA
TO-220L
HQ6025KH5
X
50 mA
TO-218K
Dimensions — TO-263AB (N-Package) — D2 -PAK Surface Mount
G
B
A
W
D
F
V
S
MT1
MT2
T
C MEASURING POIN
T
C
E
K
H
J
U
.320
8.13
.276
7.01
.331
8.41
GATE
.460
11.68
.665
16.89
.260
6.60
.150
3.81
.080
2.03
.085
2.16
.055
1.40
.350
8.89
.276
7.01
.276
7.01
AREA: 0.11 IN2
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.360
0.370
9.14
9.40
B
0.380
0.420
9.65
10.67
C
0.178
0.188
4.52
4.78
D
0.025
0.035
0.64
0.89
E
0.045
0.060
1.14
1.52
F
0.060
0.075
1.52
1.91
G
0.095
0.105
2.41
2.67
H
0.092
0.102
2.34
2.59
J
0.018
0.024
0.46
0.61
K
0.090
0.110
2.29
2.79
S
0.590
0.625
14.99
15.88
V
0.035
0.045
0.89
1.14
U
0.002
0.010
0.05
0.25
W
0.040
0.070
1.02
1.78


Similar Part No. - HQ6025NH5RP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HQ6025NH5 LITTELFUSE-HQ6025NH5 Datasheet
237Kb / 8P
   25Amp bi-directional Alternistor Triac is designed for AC switching and phase
logo
Inchange Semiconductor ...
HQ6025NH5 ISC-HQ6025NH5 Datasheet
384Kb / 2P
   isc Triacs
More results

Similar Description - HQ6025NH5RP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QJXX25XHX LITTELFUSE-QJXX25XHX Datasheet
583Kb / 9P
   25 Amp High Temperature Alternistor Triacs
QJ8012XHX LITTELFUSE-QJ8012XHX Datasheet
596Kb / 8P
   12 Amp High Temperature Alternistor Triacs
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
   8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
   16 A High Temperature Alternistor Triacs
07/05/22
Q4010N5RP LITTELFUSE-Q4010N5RP Datasheet
967Kb / 9P
   10 Amp Standard & Alternistor (High Communitation) Triacs
Q6016LH651 LITTELFUSE-Q6016LH651 Datasheet
974Kb / 9P
   15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
logo
List of Unclassifed Man...
Q8025NH6RP ETC2-Q8025NH6RP Datasheet
188Kb / 10P
   Alternistor Triacs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com