Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YMU759 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # YMU759
Description  SYNTHESIS LSI FOR PORTABLE TELEPHONE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

YMU759 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button YMU759 Datasheet HTML 5Page - List of Unclassifed Manufacturers YMU759 Datasheet HTML 6Page - List of Unclassifed Manufacturers YMU759 Datasheet HTML 7Page - List of Unclassifed Manufacturers YMU759 Datasheet HTML 8Page - List of Unclassifed Manufacturers YMU759 Datasheet HTML 9Page - List of Unclassifed Manufacturers YMU759 Datasheet HTML 10Page - List of Unclassifed Manufacturers YMU759 Datasheet HTML 11Page - List of Unclassifed Manufacturers YMU759 Datasheet HTML 12Page - List of Unclassifed Manufacturers YMU759 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
YMU759
-9-
AC characteristics
/RST, CLKI
Item
Symbol
Min.
Typ.
Max.
Unit
/RST active “L” pulse width
TRSTW
1024
× CLKI
CLKI frequency
1 / Tfreq
2
20
MHz
CLKI rise time / fall time
Tr / Tf
30
ns
CLKI duty
Th/Tfreq
30
50
70
%
Note: TOP=-20 ~ 85°C, VDD=3.0±0.3 V, Capacitor load=50 pF.
Input hardware reset at the time VDD is turned on.
CLKI
Th
Tfreq
Tf
VIH= 0.7*DVDD
VIL= 0.2*DVDD
Tr
/RST
TRSTW
VIH= 0.7*VDD
VIL= 0.2*VDD
VDD
CLKI
1024 clocks or more are needed.


Similar Part No. - YMU759

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YMU757B YAMAHA-YMU757B Datasheet
663Kb / 43P
   MA-1C
More results

Similar Description - YMU759

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
   ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
   ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL22Q394-03 ETC2-FEDL22Q394-03 Datasheet
1Mb / 42P
   ADPCM Speech Synthesis LSI
FEDL22321-01 ETC2-FEDL22321-01 Datasheet
1Mb / 35P
   ADPCM Speech Synthesis LSI
FEDL22340-02 ETC2-FEDL22340-02 Datasheet
1Mb / 37P
   ADPCM Speech Synthesis LSI
ML22Q563-NNNMB ETC2-ML22Q563-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q573-NNNMB ETC2-ML22Q573-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q553-NNNMB ETC2-ML22Q553-NNNMB Datasheet
1Mb / 69P
   4-Channel Mixing Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com